Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC56EL60L5CFSR Fiches technique(PDF) 70 Page - STMicroelectronics

No de pièce RPC56EL60L5CFSR
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFSR Fiches technique(HTML) 70 Page - STMicroelectronics

Back Button RPC56EL60L5CFSR Datasheet HTML 66Page - STMicroelectronics RPC56EL60L5CFSR Datasheet HTML 67Page - STMicroelectronics RPC56EL60L5CFSR Datasheet HTML 68Page - STMicroelectronics RPC56EL60L5CFSR Datasheet HTML 69Page - STMicroelectronics RPC56EL60L5CFSR Datasheet HTML 70Page - STMicroelectronics RPC56EL60L5CFSR Datasheet HTML 71Page - STMicroelectronics RPC56EL60L5CFSR Datasheet HTML 72Page - STMicroelectronics RPC56EL60L5CFSR Datasheet HTML 73Page - STMicroelectronics RPC56EL60L5CFSR Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 137 page
background image
Package pinouts and signal descriptions
RPC56EL60L5
70/137
DocID026934 Rev 1
B[6]
PCR[22
]
SIUL
GPIO[22]
ALT0
GPIO[22]
—
—F
S
138
B3
MC_CGM
clk_out
ALT1
—
—
DSPI_2
CS2
ALT2
—
—
SIUL
—
EIRQ[18]
—
B[7]
PCR[23
]
SIUL
—
ALT0
GPI[23]
—
——
—
43
R5
LINFlexD_0
—
—
RXD
PSMI[31];
PADSEL=
1
ADC_0
—
—
AN[0](3)
—
B[8]
PCR[24
]
SIUL
—
ALT0
GPI[24]
—
——
—
47
P7
eTimer_0
—
—
ETC[5]
PSMI[8];
PADSEL=
2
ADC_0
—
—
AN[1](3)
—
B[9]
PCR[25
]
SIUL
—
ALT0
GPI[25]
—
——
—
52
U7
ADC_0
ADC_1
——
AN[11](3)
—
B[10]
PCR[26
]
SIUL
—
ALT0
GPI[26]
—
——
—
53
R8
ADC_0
ADC_1
—
—
AN[12](3)
—
B[11]
PCR[27
]
SIUL
—
ALT0
GPI[27]
—
——
—
54
T8
ADC_0
ADC_1
—
—
AN[13](3)
—
B[12]
PCR[28
]
SIUL
—
ALT0
GPI[28]
—
——
—
55
U8
ADC_0
ADC_1
—
—
AN[14](3)
—
B[13]
PCR[29
]
SIUL
—
ALT0
GPI[29]
—
——
—
60
R1
0
LINFlexD_1
—
—
RXD
PSMI[32];
PADSEL=
0
ADC_1
—
—
AN[0](3)
—
Table 7. Pin muxing (continued)
Port
name
PCR
Peripheral
Alternate
output
function
Output
mux sel
Input
functions
Input
mux
select
Weak pull
config
during
reset
Pad
speed(1)
Pin #
SR
C
= 1
SR
C
= 0
144
pk
g
257
pk
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More