Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC564L60L5BFSR Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce RPC564L60L5BFSR
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5BFSR Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button RPC564L60L5BFSR Datasheet HTML 55Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 56Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 57Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 58Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 59Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 60Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 61Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 62Page - STMicroelectronics RPC564L60L5BFSR Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 137 page
background image
DocID026934 Rev 1
59/137
RPC56EL60L5
Package pinouts and signal descriptions
136
P17
G[7]
SIUL
GPIO[103]
GPIO[103]
FlexPWM_0
B[3]
B[3]
R1
EXTAL
—
R2
FCCU_F[0]
FCCU
F[0]
F[0]
R3
VSS_HV_IO_RING
—
R4
D[7]
SIUL
GPIO[55]
GPIO[55]
DSPI_1
CS3
—
DSPI_0
CS4
—
SWG
analog output
—
R5
B[7]
SIUL
—
GPIO[23]
LINFlexD_0
—
RXD
ADC_0
—
AN[0]
R6
E[6]
SIUL
—
GPIO[70]
ADC_0
—
AN[4]
R7
VDD_HV_ADR0
—
R8
B[10]
SIUL
—
GPIO[26]
ADC_0
ADC_1
—AN[12]
R9
VDD_HV_ADR1
—
R10
B[13]
SIUL
—
GPIO[29]
LINFlexD_1
—
RXD
ADC_1
—
AN[0]
R11
B[15]
SIUL
—
GPIO[31]
SIUL
—
EIRQ[20]
ADC_1
—
AN[2]
R12
C[0]
SIUL
—
GPIO[32]
ADC_1
—
AN[3]
R13
BCTRL
—
R14
A[1]
SIUL
GPIO[1]
GPIO[1]
eTimer_0
ETC[1]
ETC[1]
DSPI_2
SOUT
—
SIUL
—
EIRQ[1]
R15
VSS_HV_IO_RING
—
Table 4. LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More