| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC56EL60L5BFSR Fiches technique(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5BFSR Fiches technique(HTML) 78 Page - STMicroelectronics |
|
78 / 137 page ![]() Package pinouts and signal descriptions RPC56EL60L5 78/137 DocID026934 Rev 1 F[5] PCR[85 ] SIUL GPIO[85] ALT0 GPIO[85] — —F S 5 D1 NPC MDO[2] ALT2 — — F[6] PCR[86 ] SIUL GPIO[86] ALT0 GPIO[86] — —F S 8 E2 NPC MDO[1] ALT2 — — F[7] PCR[87 ] SIUL GPIO[87] ALT0 GPIO[87] — —F S 19 J1 NPC MCKO ALT2 — — F[8] PCR[88 ] SIUL GPIO[88] ALT0 GPIO[88] — —F S 20 K2 NPC MSEO[1] ALT2 — — F[9] PCR[89 ] SIUL GPIO[89] ALT0 GPIO[89] — —F S 23 K1 NPC MSEO[0] ALT2 — — F[10] PCR[90 ] SIUL GPIO[90] ALT0 GPIO[90] — —F S 24 L1 NPC EVTO ALT2 — — F[11] PCR[91 ] SIUL GPIO[91] ALT0 GPIO[91] — —M S 25 L2 NPC — ALT2 EVTI — F[12] PCR[92 ] SIUL GPIO[92] ALT0 GPIO[92] — —M S 106 C1 7 eTimer_1 ETC[3] ALT1 ETC[3] PSMI[12]; PADSEL= 2 SIUL — — EIRQ[30] — F[13] PCR[93 ] SIUL GPIO[93] ALT0 GPIO[93] — —M S 112 B1 4 eTimer_1 ETC[4] ALT1 ETC[4] PSMI[13]; PADSEL= 3 SIUL — — EIRQ[31] — F[14] PCR[94 ] SIUL GPIO[94] ALT0 GPIO[94] — —M S 115 C1 3 LINFlexD_1 TXD ALT1 — — F[15] PCR[95 ] SIUL GPIO[95] ALT0 GPIO[95] — —M S 113 D1 3 LINFlexD_1 — — RXD PSMI[32]; PADSEL= 2 FCCU FCCU _ F[0] — FCCU F[0] ALT0 F[0] — — S S 38 R2 Table 7. Pin muxing (continued) Port name PCR Peripheral Alternate output function Output mux sel Input functions Input mux select Weak pull config during reset Pad speed(1) Pin # SR C = 1 SR C = 0 144 pk g 257 pk g |