| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC564L60L5CFQR Fiches technique(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC564L60L5CFQR Fiches technique(HTML) 38 Page - STMicroelectronics |
|
38 / 137 page ![]() Package pinouts and signal descriptions RPC56EL60L5 38/137 DocID026934 Rev 1 47 B[8] SIUL — GPIO[24] eTimer_0 — ETC[5] ADC_0 — AN[1] 48 E[7] SIUL — GPIO[71] ADC_0 — AN[6] 49 E[2] SIUL — GPIO[66] ADC_0 — AN[5] 50 VDD_HV_ADR0 — 51 VSS_HV_ADR0 — 52 B[9] SIUL — GPIO[25] ADC_0 ADC_1 —AN[11] 53 B[10] SIUL — GPIO[26] ADC_0 ADC_1 —AN[12] 54 B[11] SIUL — GPIO[27] ADC_0 ADC_1 —AN[13] 55 B[12] SIUL — GPIO[28] ADC_0 ADC_1 —AN[14] 56 VDD_HV_ADR1 — 57 VSS_HV_ADR1 — 58 VDD_HV_ADV — 59 VSS_HV_ADV — 60 B[13] SIUL — GPIO[29] LINFlexD_1 — RXD ADC_1 — AN[0] 61 E[9] SIUL — GPIO[73] ADC_1 — AN[7] 62 B[15] SIUL — GPIO[31] SIUL — EIRQ[20] ADC_1 — AN[2] 63 E[10] SIUL — GPIO[74] ADC_1 — AN[8] Table 3. LQFP144 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |