Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC56EL60L5BOQR Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce RPC56EL60L5BOQR
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5BOQR Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button RPC56EL60L5BOQR Datasheet HTML 32Page - STMicroelectronics RPC56EL60L5BOQR Datasheet HTML 33Page - STMicroelectronics RPC56EL60L5BOQR Datasheet HTML 34Page - STMicroelectronics RPC56EL60L5BOQR Datasheet HTML 35Page - STMicroelectronics RPC56EL60L5BOQR Datasheet HTML 36Page - STMicroelectronics RPC56EL60L5BOQR Datasheet HTML 37Page - STMicroelectronics RPC56EL60L5BOQR Datasheet HTML 38Page - STMicroelectronics RPC56EL60L5BOQR Datasheet HTML 39Page - STMicroelectronics RPC56EL60L5BOQR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 137 page
background image
Package pinouts and signal descriptions
RPC56EL60L5
36/137
DocID026934 Rev 1
14
A[5]
SIUL
GPIO[5]
GPIO[5]
DSPI_1
CS0
CS0
eTimer_1
ETC[5]
ETC[5]
DSPI_0
CS7
—
SIUL
—
EIRQ[5]
15
C[7]
SIUL
GPIO[39]
GPIO[39]
FlexPWM_0
A[1]
A[1]
SSCM
DEBUG[7]
—
DSPI_0
—
SIN
16
VDD_HV_REG_0
—
17
VSS_LV_COR
—
18
VDD_LV_COR
—
19
F[7]
SIUL
GPIO[87]
GPIO[87]
NPC
MCKO
—
20
F[8]
SIUL
GPIO[88]
GPIO[88]
NPC
MSEO[1]
—
21
VDD_HV_IO
—
22
VSS_HV_IO
—
23
F[9]
SIUL
GPIO[89]
GPIO[89]
NPC
MSEO[0]
—
24
F[10]
SIUL
GPIO[90]
GPIO[90]
NPC
EVTO
—
25
F[11]
SIUL
GPIO[91]
GPIO[91]
NPC
—
EVTI
26
D[9]
SIUL
GPIO[57]
GPIO[57]
FlexPWM_0
X[0]
X[0]
LINFlexD_1
TXD
—
27
VDD_HV_OSC
—
28
VSS_HV_OSC
—
29
XTAL
—
30
EXTAL
—
31
RESET
—
Table 3. LQFP144 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More