Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC564L60L5COSY Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce RPC564L60L5COSY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5COSY Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button RPC564L60L5COSY Datasheet HTML 36Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 37Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 38Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 39Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 40Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 41Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 42Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 43Page - STMicroelectronics RPC564L60L5COSY Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 137 page
background image
Package pinouts and signal descriptions
RPC56EL60L5
40/137
DocID026934 Rev 1
78
D[11]
SIUL
GPIO[59]
GPIO[59]
FlexPWM_0
B[0]
B[0]
eTimer_0
—
ETC[1]
79
G[9]
SIUL
GPIO[105]
GPIO[105]
FlexRay
DBG1
—
DSPI_1
CS1
—
FlexPWM_0
—
FAULT[1]
SIUL
—
EIRQ[29]
80
C[11]
SIUL
GPIO[43]
GPIO[43]
eTimer_0
ETC[4]
ETC[4]
DSPI_2
CS2
—
81
G[8]
SIUL
GPIO[104]
GPIO[104]
FlexRay
DBG0
—
DSPI_0
CS1
—
FlexPWM_0
—
FAULT[0]
SIUL
—
EIRQ[21]
82
C[12]
SIUL
GPIO[44]
GPIO[44]
eTimer_0
ETC[5]
ETC[5]
DSPI_2
CS3
—
83
G[7]
SIUL
GPIO[103]
GPIO[103]
FlexPWM_0
B[3]
B[3]
84
A[2]
SIUL
GPIO[2]
GPIO[2]
eTimer_0
ETC[2]
ETC[2]
FlexPWM_0
A[3]
A[3]
DSPI_2
—
SIN
MC_RGM
—
ABS[0]
SIUL
—
EIRQ[2]
85
G[5]
SIUL
GPIO[101]
GPIO[101]
FlexPWM_0
X[3]
X[3]
DSPI_2
CS3
—
86
B[5]
SIUL
GPIO[21]
GPIO[21]
JTAGC
—
TDI
87
TMS
—
88
TCK
—
Table 3. LQFP144 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More