| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC564L60L5COSY Fiches technique(PDF) 118 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC564L60L5COSY Fiches technique(HTML) 118 Page - STMicroelectronics |
|
118 / 137 page ![]() Electrical characteristics RPC56EL60L5 118/137 DocID026934 Rev 1 3.20 AC timing characteristics AC Test Timing Conditions: Unless otherwise noted, all test conditions are as follows: TJ = –40 to 150 C Supply voltages as specified in Table 9 Input conditions: All Inputs: tr, tf = 1 ns Output Loading: All Outputs: 50 pF 3.20.1 RESET pin characteristics The RPC56EL60L5 implements a dedicated bidirectional RESET pin. Figure 20. Start-up reset requirements Figure 21. Noise filtering on reset signal VIL VDD device reset forced by RESET VDDMIN RESET VIH device start-up phase VRESET VIL VIH VDD filtered by hysteresis filtered by lowpass filter WFRST WNFRST hw_rst ‘1’ ‘0’ filtered by lowpass filter WFRST unknown reset state device under hardware reset |