| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC564L60L5BOSY Fiches technique(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC564L60L5BOSY Fiches technique(HTML) 79 Page - STMicroelectronics |
|
79 / 137 page ![]() DocID026934 Rev 1 79/137 RPC56EL60L5 Package pinouts and signal descriptions 136 FCCU _ F[1] — FCCU F[1] ALT0 F[1] — — S S 141 C4 Port G G[2] PCR[98 ] SIUL GPIO[98] ALT0 GPIO[98] — —M S 102 E1 6 FlexPWM_0 X[2] ALT1 X[2] PSMI[29]; PADSEL= 1 DSPI_1 CS1 ALT2 — — G[3] PCR[99 ] SIUL GPIO[99] ALT0 GPIO[99] — —M S 104 D1 7 FlexPWM_0 A[2] ALT1 A[2] PSMI[22]; PADSEL= 2 eTimer_0 — — ETC[4] PSMI[7]; PADSEL= 3 G[4] PCR[10 0] SIUL GPIO[100] ALT0 GPIO[100] — —M S 100 F17 FlexPWM_0 B[2] ALT1 B[2] PSMI[26]; PADSEL= 2 eTimer_0 — — ETC[5] PSMI[8]; PADSEL= 3 G[5] PCR[10 1] SIUL GPIO[101] ALT0 GPIO[101] — —M S 85 N1 7 FlexPWM_0 X[3] ALT1 X[3] PSMI[30]; PADSEL= 2 DSPI_2 CS3 ALT2 — — G[6] PCR[10 2] SIUL GPIO[102] ALT0 GPIO[102] — —M S 98 G1 7 FlexPWM_0 A[3] ALT1 A[3] PSMI[23]; PADSEL= 3 G[7] PCR[10 3] SIUL GPIO[103] ALT0 GPIO[103] —M S 83 P1 7 FlexPWM_0 B[3] ALT1 B[3] PSMI[27]; PADSEL= 3 Table 7. Pin muxing (continued) Port name PCR Peripheral Alternate output function Output mux sel Input functions Input mux select Weak pull config during reset Pad speed(1) Pin # SR C = 1 SR C = 0 144 pk g 257 pk g |