Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC564L60L5CFQY Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce RPC564L60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5CFQY Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button RPC564L60L5CFQY Datasheet HTML 35Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 36Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 37Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 38Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 39Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 40Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 41Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 42Page - STMicroelectronics RPC564L60L5CFQY Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 137 page
background image
DocID026934 Rev 1
39/137
RPC56EL60L5
Package pinouts and signal descriptions
136
64
B[14]
SIUL
—
GPIO[30]
eTimer_0
—
ETC[4]
SIUL
—
EIRQ[19]
ADC_1
—
AN[1]
65
E[11]
SIUL
—
GPIO[75]
ADC_1
—
AN[4]
66
C[0]
SIUL
—
GPIO[32]
ADC_1
—
AN[3]
67
E[12]
SIUL
—
GPIO[76]
ADC_1
—
AN[6]
68
E[0]
SIUL
—
GPIO[64]
ADC_1
—
AN[5]
69
BCTRL
—
70
VDD_LV_COR
—
71
VSS_LV_COR
—
72
VDD_HV_PMU
—
73
A[0]
SIUL
GPIO[0]
GPIO[0]
eTimer_0
ETC[0]
ETC[0]
DSPI_2
SCK
SCK
SIUL
—
EIRQ[0]
74
A[1]
SIUL
GPIO[1]
GPIO[1]
eTimer_0
ETC[1]
ETC[1]
DSPI_2
SOUT
—
SIUL
—
EIRQ[1]
75
G[11]
SIUL
GPIO[107]
GPIO[107]
FlexRay
DBG3
—
FlexPWM_0
—
FAULT[3]
76
D[10]
SIUL
GPIO[58]
GPIO[58]
FlexPWM_0
A[0]
A[0]
eTimer_0
—
ETC[0]
77
G[10]
SIUL
GPIO[106]
GPIO[106]
FlexRay
DBG2
—
DSPI_2
CS3
—
FlexPWM_0
—
FAULT[2]
Table 3. LQFP144 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More