Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC56EL60L5CFQY Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce RPC56EL60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFQY Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button RPC56EL60L5CFQY Datasheet HTML 20Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 21Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 22Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 23Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 24Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 25Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 26Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 27Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 137 page
background image
Introduction
RPC56EL60L5
24/137
DocID026934 Rev 1
Receive features
–
Individual programmable filters for each mailbox
–
8 mailboxes configurable as a 6-entry receive FIFO
–
8 programmable acceptance filters for receive FIFO
Programmable clock source
–
System clock
–
Direct oscillator clock to avoid FMPLL jitter
1.5.27
FlexRay
The FlexRay module provides the following features:
Full implementation of FlexRay Protocol Specification 2.1 Rev. A
64 configurable message buffers can be handled
Dual channel or single channel mode of operation, each as fast as 10 Mbit/s data rate
Message buffers configurable as transmit or receive
Message buffer size configurable
Message filtering for all message buffers based on Frame ID, cycle count, and
message ID
Programmable acceptance filters for receive FIFO
Message buffer header, status, and payload data stored in system memory (SRAM)
Internal FlexRay memories have error detection and correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More