| Moteur de recherche de fiches techniques de composants électroniques |
|
RT2902YDT Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RT2902YDT Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 16 page ![]() DocID026928 Rev 1 11/16 RT2902 Typical single-supply applications 16 4 Typical single-supply applications Figure 18. AC coupled inverting amplifier Figure 19. AC coupled non-inverting amplifier 1/4 RT2902 ~ 0 2VPP R 10 k Ω L Co e o R 6.2 k Ω B R 100 k Ω f R1 10 k Ω C I e I VCC R2 100 k Ω C1 10 μF R3 100 k Ω A= - R R1 V f (a s s hown A = -10) V 1/4 RT2902 ~ 0 2 V PP R 10 k Ω L Co e o R 6.2 k Ω B C1 0. 1 μF e I VCC (a s s hown A = 11) V A= 1 + R2 R1 V R1 100 k Ω R2 1 M Ω C I R3 1 M Ω R4 100 k Ω R5 100 k Ω C2 10 μF Figure 20. Non-inverting DC gain Figure 21. DC summing amplifier R1 10 k Ω R2 1 M Ω 1/4 RT2902 10 k Ω e I e O +5 V (mV ) 0 AV =1 + R2 R1 (A s s hown = 101 ) A V 1/4 RT2902 e O e 4 e 3 e 2 e 1 100 k Ω 100 k Ω 100 k Ω 100 k Ω 100 k Ω 100 k Ω eo = e1 + e2 - e3 - e4 where (e1 + e2) (e3 + e4) to keep eo 0 V ≥ ≥ Figure 22. Active bandpass filter Figure 23. High input Z adjustable gain DC instrumentation amplifier R3 10 k Ω 1/4 RT2902 e 1 e O R8 100 k Ω R7 100 k Ω C3 10 μF VCC R5 470 k Ω C2 330 pF R4 10 M Ω R6 470 k Ω R1 100 k Ω C1 330 pF 1/4 RT2902 1/4 RT2902 Fo = 1 kHz Q = 50 Av = 100 (40 dB) R3 100 k Ω e O R1 100 k Ω e 1 1/4 RT2902 R7 100 k Ω R6 100 k Ω R5 100 k Ω e 2 R2 2 k Ω Ga in adjust R4 100 k Ω 1/4 RT2902 1/4 RT2902 If R1 = R5 and R3 = R4 = R6 = R7 eo = [ 1 + ] (e2 - e1) As sho wn eo = 101 (e2 - e1) 2R 1 R2 |