Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDK320AM50R Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce LDK320AM50R
Description  200 mA low quiescent current and high PSRR voltage regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK320AM50R Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button LDK320AM50R Datasheet HTML 16Page - STMicroelectronics LDK320AM50R Datasheet HTML 17Page - STMicroelectronics LDK320AM50R Datasheet HTML 18Page - STMicroelectronics LDK320AM50R Datasheet HTML 19Page - STMicroelectronics LDK320AM50R Datasheet HTML 20Page - STMicroelectronics LDK320AM50R Datasheet HTML 21Page - STMicroelectronics LDK320AM50R Datasheet HTML 22Page - STMicroelectronics LDK320AM50R Datasheet HTML 23Page - STMicroelectronics LDK320AM50R Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Package information
LDK320
20/25
DocID028460 Rev 1
Table 10: SOT-89 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.40
1.60
B
0.44
0.56
B1
0.36
0.48
C
0.35
0.44
C1
0.35
0.44
D
4.40
4.60
D1
1.62
1.83
D3
0.90
E
2.29
2.60
e
1.42
1.57
e1
2.92
3.07
H
3.94
4.25
H1
2.70
3.10
K
1°
8°
L
0.89
120
R
0.25
β
90°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25