Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5975D Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce R5975D
Description  Up to 3 A step-down switching regulator for aerospace applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5975D Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button R5975D Datasheet HTML 39Page - STMicroelectronics R5975D Datasheet HTML 40Page - STMicroelectronics R5975D Datasheet HTML 41Page - STMicroelectronics R5975D Datasheet HTML 42Page - STMicroelectronics R5975D Datasheet HTML 43Page - STMicroelectronics R5975D Datasheet HTML 44Page - STMicroelectronics R5975D Datasheet HTML 45Page - STMicroelectronics R5975D Datasheet HTML 46Page - STMicroelectronics R5975D Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
Package information
R5975D
44/47
DocID026878 Rev 1
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions, and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 38. HSOP8 package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47