Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDK320AM-R Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce LDK320AM-R
Description  200 mA low quiescent current and high PSRR voltage regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK320AM-R Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button LDK320AM-R Datasheet HTML 6Page - STMicroelectronics LDK320AM-R Datasheet HTML 7Page - STMicroelectronics LDK320AM-R Datasheet HTML 8Page - STMicroelectronics LDK320AM-R Datasheet HTML 9Page - STMicroelectronics LDK320AM-R Datasheet HTML 10Page - STMicroelectronics LDK320AM-R Datasheet HTML 11Page - STMicroelectronics LDK320AM-R Datasheet HTML 12Page - STMicroelectronics LDK320AM-R Datasheet HTML 13Page - STMicroelectronics LDK320AM-R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Typical characteristics
LDK320
10/25
DocID028460 Rev 1
6
Typical characteristics
Unless otherwise specified: TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT
= 1 μF.
Figure 5: Output voltage vs temperature (VIN = 2.5 V,
VOUT = VADJ, IOUT = 1 mA)
Figure 6: Output voltage vs temperature (VIN = 2.5 V,
VOUT = VADJ, IOUT = 200 mA)
Figure 7: Output voltage vs temperature (VIN = 4.3 V,
VOUT = 3.3 V, IOUT = 1 mA)
Figure 8: Output voltage vs temperature (VIN = 4.3 V,
VOUT = 3.3 V, IOUT = 200 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25