| Moteur de recherche de fiches techniques de composants électroniques |
|
L7292D Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7292D Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 60 page ![]() DocID028601 Rev 1 17/60 L7292 Voltage regulators 60 6.3 BUCK3 switching regulator Unless otherwise noted, typical values at TA = 25 °C, Vin = 5.0 V. The max. values are at Tj = 125 °C and the worst case process. Table 12. BUCK3 switching regulator Parameter Conditions Min. Typ. Max. Unit DC bias current PFM mode Deep sleep mode no load 20 µA Output DC voltage range Steady state, ILOAD < 1 A 0.7 1.3 V Output voltage step size Single step change 25 mV Load current range Internal FET, steady state 0.5 A Current limit threshold Integrated FET current 2.0(1) A PFM current peak Programmable 0.8 A DC line regulation 3.3 V < VSUP < 5 V, Iout = 0.5 A 0.4(1) %/V DC load regulation While in PWM PSR3CFG bit 7 = 1 0.1(1) %/A Switching frequency Programmable 1.3 MHz Output voltage accuracy While in PWM -2 +2 % Transient response Load transient time = 10 µs. Referring to CCM, Vout = 1.1 V, load current from 0 to 80% Imax. ±3(1) % Soft-start time Vin = 3.3 V, output voltage ramp from 0 to 95% of final Vout = 1.1 V Rload = 3.0 130(1) 160(1) µs Integrated high-side PFET RDS Vin = 5 V 172 m Vin = 3.3 V 216 Integrated low-side NFET RDS Vin = 5 V 88 Vin = 3.3 V 106 Efficiency Vin = 5.0 V, Vout = 1.1 V, Iload = 1 mA 78(2) % Vin = 3.3 V, Vout = 1.1 V, Iload = 1 mA 81(2) Vin = 5.0 V, Vout = 1.1 V, Iload = 0.5 A 80(2) Vin = 3.3 V, Vout= 1.1 V, Iload = 0.5 A 81(2) FB input impedance 0.2 M Input capacitor 4.7 µF Output filter capacitor 22 µF Output filter capacitor ESR 20 m Output filter inductance 1.0 µH 1. Guaranteed by design. 2. Efficiency measured between the SUP3 PIN and BUCK3 POUT. L = 1 H, DC resistance max. = 0.036 . |