| Moteur de recherche de fiches techniques de composants électroniques |
|
HVLED002 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HVLED002 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 19 page ![]() Absolute maximum ratings HVLED002 4/19 DocID028720 Rev 1 1 Absolute maximum ratings Table 2. Absolute maximum ratings(1) 1. All voltages are with respect to the pin 5, all currents are positive into the specified terminal. Symbol Parameter Value Unit Vi Supply voltage 30 V IO Output current ± 1 A EO Output energy (capacitive load) 5 µJ Analog inputs (pins 2, 3) - 0.3 to 5.5 V Error amplifier output sink current 10 mA |