Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB3750 Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce USB3750
Description  USB 2.0 Protection IC with Battery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3750 Fiches technique(HTML) 5 Page - Microchip Technology

  USB3750 Datasheet HTML 1Page - Microchip Technology USB3750 Datasheet HTML 2Page - Microchip Technology USB3750 Datasheet HTML 3Page - Microchip Technology USB3750 Datasheet HTML 4Page - Microchip Technology USB3750 Datasheet HTML 5Page - Microchip Technology USB3750 Datasheet HTML 6Page - Microchip Technology USB3750 Datasheet HTML 7Page - Microchip Technology USB3750 Datasheet HTML 8Page - Microchip Technology USB3750 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
 2011 - 2014 Microchip Technology Inc.
DS00001824A-page 5
USB375x
2.0
PIN LAYOUT
2.1
Pin Diagram
The USB375x is available in a QFN (3 x 3 mm) package. The USB3750 pin diagram is detailed in Figure 2-1. The
USB3751 pin diagram is detailed in Figure 2-2.
FIGURE 2-1:
QFN PACKAGE DIAGRAM (USB3750)
FIGURE 2-2:
QFN PACKAGE DIAGRAM (USB3751)
VBUS
DP_1
VBUS
DM_2
VOUT
VOUT
VOUT
VBUS
1
2
3
4
12
11
10
9
VBUS
DP_1
VBUS
NC
VOUT
VOUT
VOUT
VBUS
1
2
3
4
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31