Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB3740B Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce USB3740B
Description  High Speed USB 2.0 Switch with ESD Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3740B Fiches technique(HTML) 8 Page - Microchip Technology

Back Button USB3740B Datasheet HTML 4Page - Microchip Technology USB3740B Datasheet HTML 5Page - Microchip Technology USB3740B Datasheet HTML 6Page - Microchip Technology USB3740B Datasheet HTML 7Page - Microchip Technology USB3740B Datasheet HTML 8Page - Microchip Technology USB3740B Datasheet HTML 9Page - Microchip Technology USB3740B Datasheet HTML 10Page - Microchip Technology USB3740B Datasheet HTML 11Page - Microchip Technology USB3740B Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
USB3740B
DS00001725D-page 8
 2011 - 2015 Microchip Technology Inc.
5.0
APPLICATION NOTES
5.1
ESD Performance
The USB3740B is protected from ESD strikes. By eliminating the requirement for external ESD protection devices,
board space is conserved, and the board manufacturer is enabled to reduce cost. The advanced ESD structures inte-
grated into the USB3740B protect the device whether or not it is powered up.
5.1.1
HUMAN BODY MODEL (HBM) PERFORMANCE
HBM testing verifies the ability to withstand the ESD strikes like those that occur during handling and manufacturing,
and is done without power applied to the IC. To pass the test, the device must have no change in operation or perfor-
mance due to the event. The USB3740B HBM performance is detailed in Table 3-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19