Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB3320 Fiches technique(PDF) 68 Page - Microchip Technology

No de pièce USB3320
Description  Highly Integrated Full Featured Hi-Speed USB 2.0 ULPI Transceiver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3320 Fiches technique(HTML) 68 Page - Microchip Technology

Back Button USB3320 Datasheet HTML 62Page - Microchip Technology USB3320 Datasheet HTML 63Page - Microchip Technology USB3320 Datasheet HTML 64Page - Microchip Technology USB3320 Datasheet HTML 65Page - Microchip Technology USB3320 Datasheet HTML 66Page - Microchip Technology USB3320 Datasheet HTML 67Page - Microchip Technology USB3320 Datasheet HTML 68Page - Microchip Technology USB3320 Datasheet HTML 69Page - Microchip Technology USB3320 Datasheet HTML 70Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 68 / 70 page
background image
USB3320
DS00001792B-page 68
 2014-2015 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
USB3320C
Temperature
Range:
-40
°C to+85°C
Package:
EZK =
32-pin QFN RoHS Compliant package
Tape and Reel
Option:
Blank = Standard packaging (tray)
TR
= Tape and Reel(1)
Examples:
a)
USB3320C-EZK
b)
USB3320C-EZK-TR
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
PART NO.
XXX
Package
Device
[X](1)
Tape and Reel
Option
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70