| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2422 Fiches technique(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2422 Fiches technique(HTML) 5 Page - Microchip Technology |
|
5 / 47 page ![]() 2013 - 2015 Microchip Technology Inc. DS00001726B-page 5 USB2422 Within this manual, the following abbreviations and symbols are used to improve readability. Example Description BIT Name of a single bit within a field FIELD.BIT Name of a single bit (BIT) in FIELD x…y Range from x to y, inclusive BITS[m:n] Groups of bits from m to n, inclusive PIN Pin Name zzzzb Binary number (value zzzz) 0xzzz Hexadecimal number (value zzz) zzh Hexadecimal number (value zz) rsvd Reserved memory location. Must write 0, read value indeterminate code Instruction code, or API function or parameter Multi Word Name Used for multiple words that are considered a single unit, such as: Resource Allocate message, or Connection Label, or Decrement Stack Pointer instruction. Section Name Section or Document name. xDon’t care <Parameter> <> indicate a Parameter is optional or is only used under some conditions {,Parameter} Braces indicate Parameter(s) that repeat one or more times. [Parameter] Brackets indicate a nested Parameter. This Parameter is not real and actually decodes into one or more real parameters. |