Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2251 Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce USB2251
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2251 Fiches technique(HTML) 17 Page - Microchip Technology

Back Button USB2251 Datasheet HTML 13Page - Microchip Technology USB2251 Datasheet HTML 14Page - Microchip Technology USB2251 Datasheet HTML 15Page - Microchip Technology USB2251 Datasheet HTML 16Page - Microchip Technology USB2251 Datasheet HTML 17Page - Microchip Technology USB2251 Datasheet HTML 18Page - Microchip Technology USB2251 Datasheet HTML 19Page - Microchip Technology USB2251 Datasheet HTML 20Page - Microchip Technology USB2251 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00002005A-page 17
USB2250/50i/51/51i
6.0
PIN RESET STATE TABLE
FIGURE 6-1:
PIN RESET STATES
TABLE 6-1:
LEGEND FOR PIN RESET STATES TABLE
Symbol
Description
0
Output driven low
1
Output driven high
IP
Input enabled
PU
Hardware enables pull-up
PD
Hardware enables pull-down
--
Hardware disables function
Z
Hardware disables pad. Both output driver and
input buffers are disabled.
Voltage
Signal
(v)
Time
(t)
RESET
RESET
Hardware
Initialization
Firmware
Operational
VDD33
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43