Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2251I Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce USB2251I
Description  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2251I Fiches technique(HTML) 18 Page - Microchip Technology

Back Button USB2251I Datasheet HTML 14Page - Microchip Technology USB2251I Datasheet HTML 15Page - Microchip Technology USB2251I Datasheet HTML 16Page - Microchip Technology USB2251I Datasheet HTML 17Page - Microchip Technology USB2251I Datasheet HTML 18Page - Microchip Technology USB2251I Datasheet HTML 19Page - Microchip Technology USB2251I Datasheet HTML 20Page - Microchip Technology USB2251I Datasheet HTML 21Page - Microchip Technology USB2251I Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
USB2250/50i/51/51i
DS00002005A-page 18
 2009 - 2015 Microchip Technology Inc.
6.1
128-Pin Reset States
6.2
128-Pin Reset States
TABLE 6-2:
USB2250/50I/51/51I 128-PIN RESET STATES
Reset State
Reset State
Pin
Pin Name
Function
Input/
Out-
put
PU/
PD
Pin
Pin Name
Function
Input/
Out-
put
PU/
PD
85
CF_D0
None
z
--
58
CF_nCD
None
IP
pu
86
CF_D1
None
z
--
46
SM_D0
SM
zpd
88
CF_D2
None
z
--
45
SM_D1
SM
zpd
59
CF_D3
None
z
--
44
SM_D2
SM
zpd
61
CF_D4
None
z
--
43
SM_D3
SM
zpd
63
CF_D5
None
z
--
42
SM_D4
SM
zpd
67
CF_D6
None
z
--
41
SM_D5
SM
zpd
69
CF_D7
None
z
--
40
SM_D6
SM
zpd
87
CF_D8
None
z
--
39
SM_D7
SM
zpd
89
CF_D9
None
z
--
52
SM_ALE
SM
zpd
90
CF_D10
None
z
--
53
SM_CLE
SM
zpd
60
CF_D11
None
z
--
47
SM_nWP
SM
zpd
62
CF_D12
None
z
--
38
SM_nWPS
SM
z--
66
CF_D13
None
z
--
57
SM_nCD
None
IP
pu
68
CF_D14
None
z
--
91
MS_BS
MS
zpd
70
CF_D15
None
z--
101
MS_SCLK
MS
zpd
72
CF_nIOR
CF
z
--
94
MS_D0 / MS_SDIO
MS
zpd
73
CF_nIOW
CF
z
--
92
MS_D1
MS
zpd
74
CF_nIRQ
CF
z
--
96
MS_D2
MS
zpd
79
CF_nRESET
CF
z
--
99
MS_D3
MS
zpd
80
CF_IORDY
CF
z
--
95
MS_D4
MS
zpd
71
CF_nCS0
CF
z
--
93
MS_D5
MS
zpd
84
CF_SA0
CF
z
--
97
MS_D6
MS
zpd
83
CF_SA1
CF
z
--
100
MS_D7
MS
zpd
82
CF_SA2
CF
z--
98
MS_INS
None
IP
pu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43