Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2240 Fiches technique(PDF) 30 Page - Microchip Technology

No de pièce USB2240
Description  Ultra Fast USB 2.0 Multi-Format
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2240 Fiches technique(HTML) 30 Page - Microchip Technology

Back Button USB2240 Datasheet HTML 26Page - Microchip Technology USB2240 Datasheet HTML 27Page - Microchip Technology USB2240 Datasheet HTML 28Page - Microchip Technology USB2240 Datasheet HTML 29Page - Microchip Technology USB2240 Datasheet HTML 30Page - Microchip Technology USB2240 Datasheet HTML 31Page - Microchip Technology USB2240 Datasheet HTML 32Page - Microchip Technology USB2240 Datasheet HTML 33Page - Microchip Technology USB2240 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
USB224X
DS00001979A-page 30
 2010 - 2015 Microchip Technology Inc.
8.2
USB2244/44I Pin Reset States
TABLE 8-3:
USB2244/USB2244I 36-PIN RESET STATES
Reset State
Post-Reset State
SD Mode
Pin
Pin Name
Function
Input/
Output
PU/
PD
Function
Output
PU/
PD
Input
8
SD_D6
none
z
--
SD_D6
hw
pu
yes
7
SD_D7
none
z
--
SD_D7
hw
pu
yes
5
SD_D0
none
z
--
SD_D0
hw
pu
yes
4
SD_D1
none
z
--
SD_D1
hw
pu
yes
30
SD_WP
SD_WP
0
--
SD_WP
(fw)
(fw)
(fw)
25
SD_D2
none
z
--
SD_D2
hw
pu
yes
23
SD_D3
none
z
--
SD_D3
hw
pu
yes
20
SD_D4
none
z
--
SD_D4
hw
pu
yes
9
SD_CLK
none
z
--
SD_CLK
hw
--
yes
10
SD_D5
none
z
--
SD_D5
hw
pu
yes
11
SD_CMD
none
z
--
SD_CMD
hw
pu
yes
19
none
IP
pu
26
SD_nCD
none
IP
pu
24
none
IP
pu
27
RXD / SDA
none
0
--
RXD
z
pu
yes
29
none
0
--
31
TXD / SCK
none
0
--
TXD
hw
--
--
21
CRD_PWR
none
z
--
PWR
VDD
--
--
28
TEST
TEST
IP
--
18
RESET_N
RESET_N
IP
--
1
LED
none
0
--
17:15
NC
none
z
--
none
z
--
--
12
NC
none
z
--
none
z
--
--
2
USB+
USB+
z
--
3
USB-
USB-
z
--
35
RBIAS
33
XTAL1 (CLKIN)
32
XTAL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43