Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24LCS52 Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce 24LCS52
Description  EEPROM with Software Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS52 Fiches technique(HTML) 29 Page - Microchip Technology

Back Button 24LCS52 Datasheet HTML 25Page - Microchip Technology 24LCS52 Datasheet HTML 26Page - Microchip Technology 24LCS52 Datasheet HTML 27Page - Microchip Technology 24LCS52 Datasheet HTML 28Page - Microchip Technology 24LCS52 Datasheet HTML 29Page - Microchip Technology 24LCS52 Datasheet HTML 30Page - Microchip Technology 24LCS52 Datasheet HTML 31Page - Microchip Technology 24LCS52 Datasheet HTML 32Page - Microchip Technology 24LCS52 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
 1996-2011 Microchip Technology Inc.
DS21166K-page 29
24AA52/24LCS52
APPENDIX A: REVISION HISTORY
Revision G
Added 2.2V to document; Revised Features section to
include Standard and Pb-free finishes.
Corrections to Section 1.0, Electrical Characteristics;
Product ID System, added lead finish info.
Revision H
Added Reset Software Write-Protect feature.
Added 2x3 DFN package option.
Revision J
Revised Sections 6.3 and 8.4. Revised DFN Package
Drawing.
Revision K (11/2011)
Added TDFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36