Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC14X250 Fiches technique(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADC14X250
Description  MSPS Single Channel ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14X250 Fiches technique(HTML) 32 Page - Texas Instruments

Back Button ADC14X250 Datasheet HTML 28Page - Texas Instruments ADC14X250 Datasheet HTML 29Page - Texas Instruments ADC14X250 Datasheet HTML 30Page - Texas Instruments ADC14X250 Datasheet HTML 31Page - Texas Instruments ADC14X250 Datasheet HTML 32Page - Texas Instruments ADC14X250 Datasheet HTML 33Page - Texas Instruments ADC14X250 Datasheet HTML 34Page - Texas Instruments ADC14X250 Datasheet HTML 35Page - Texas Instruments ADC14X250 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
32
ADC14X250
SLASE49 – DECEMBER 2015
www.ti.com
Product Folder Links: ADC14X250
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Power-Down and Sleep Modes
Power-down and sleep modes are provided to allow the user to reduce the power consumption of the device
without disabling power supplies. Both modes reduce power consumption by the same amount but they differ in
the amount of time required to return to normal operation. Upon changing from Power Down back to Normal
operation, an ADC calibration routine is performed. Waking from sleep mode does not perform ADC calibration
(see ADC Core Calibration for more details). Neither power-down mode nor sleep mode resets configuration
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69