Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB3813 Fiches technique(PDF) 20 Page - Microchip Technology

No de pièce USB3813
Description  USB 2.0 Hi-Speed 3-Port Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3813 Fiches technique(HTML) 20 Page - Microchip Technology

Back Button USB3813 Datasheet HTML 16Page - Microchip Technology USB3813 Datasheet HTML 17Page - Microchip Technology USB3813 Datasheet HTML 18Page - Microchip Technology USB3813 Datasheet HTML 19Page - Microchip Technology USB3813 Datasheet HTML 20Page - Microchip Technology USB3813 Datasheet HTML 21Page - Microchip Technology USB3813 Datasheet HTML 22Page - Microchip Technology USB3813 Datasheet HTML 23Page - Microchip Technology USB3813 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
DS00001715A-page 20
 2014 Microchip Technology Inc.
Figure 5.1 Hub Operational Mode Flowchart
External
SPI ROM
present?
YES
NO
Run from
Internal ROM
Run From
External SPI ROM
REFCLK
Present
NO
Load BC registers
On RO
YES
REFCLK
Present
YES
NO
YES
Dead Battery
Bond Option
Run BC Detect
On RO
NO
(BC_INIT)
(SW_INIT)
(WAITREF)
SMBus or I2C
Present?
SOC Done?
Do SMBus or I2C
Initialization
NO
(SOC_CFG)
YES
YES
NO
Combine OTP
Config Data
Config Load
From Internal ROM
SW Upstream
BC detection
(CHGDET)
Hub Connect
(Hub.Connect)
(CONFIG)
Normal
operation
(HW_INIT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57