Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2534 Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce USB2534
Description  USB 2.0 Hi-Speed 4-Port Hub Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2534 Fiches technique(HTML) 2 Page - Microchip Technology

  USB2534 Datasheet HTML 1Page - Microchip Technology USB2534 Datasheet HTML 2Page - Microchip Technology USB2534 Datasheet HTML 3Page - Microchip Technology USB2534 Datasheet HTML 4Page - Microchip Technology USB2534 Datasheet HTML 5Page - Microchip Technology USB2534 Datasheet HTML 6Page - Microchip Technology USB2534 Datasheet HTML 7Page - Microchip Technology USB2534 Datasheet HTML 8Page - Microchip Technology USB2534 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
Order Number(s):
This product meets the halogen maximum concentration values per IEC61249-2-21
The table above represents valid part numbers at the time of printing and may not represent parts that are currently
available. For the latest list of valid ordering numbers for this product, please contact the nearest sales office.
ORDER NUMBER
TEMPERATURE
RANGE
PACKAGE TYPE
USB2534-1080AEN (Battery Charging disabled by default)
0°C to +70°C
36-pin SQFN
USB2534-1050AEN (Battery Charging enabled by default)
USB2534-1080AEN-TR (Battery Charging disabled by default)
0°C to +70°C
36-pin SQFN
(Tape & Reel)
USB2534-1050AEN-TR (Battery Charging enabled by default)
USB2534i-1080AEN (Battery Charging disabled by default)
-40°C to +85°C
36-pin SQFN
USB2534i-1050AEN (Battery Charging enabled by default)
USB2534i-1080AEN-TR (Battery Charging disabled by default)
-40°C to +85°C
36-pin SQFN
(Tape & Reel)
USB2534i-1050AEN-TR (Battery Charging enabled by default)
USB 2.0 Hi-Speed 4-Port Hub Controller
Datasheet
DS00001713A-page 2
 2014 Microchip Technology Inc.
TO OUR VALUED CUSTOMERS
It is our intention to provide our valued customers with the best documentation possible to ensure successful use of your Microchip
products. To this end, we will continue to improve our publications to better suit your needs. Our publications will be refined and
enhanced as new volumes and updates are introduced.
If you have any questions or comments regarding this publication, please contact the Marketing Communications Department via
E-mail at docerrors@microchip.com. We welcome your feedback.
Most Current Data Sheet
To obtain the most up-to-date version of this data sheet, please register at our Worldwide Web site at:
http://www.microchip.com
You can determine the version of a data sheet by examining its literature number found on the bottom outside corner of any page.
The last character of the literature number is the version number, (e.g., DS30000000A is version A of document DS30000000).
Errata
An errata sheet, describing minor operational differences from the data sheet and recommended workarounds, may exist for cur-
rent devices. As device/documentation issues become known to us, we will publish an errata sheet. The errata will specify the
revision of silicon and revision of document to which it applies.
To determine if an errata sheet exists for a particular device, please check with one of the following:
• Microchip’s Worldwide Web site; http://www.microchip.com
• Your local Microchip sales office (see last page)
When contacting a sales office, please specify which device, revision of silicon and data sheet (include -literature number) you are
using.
Customer Notification System
Register on our web site at www.microchip.com to receive the most current information on all of our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52