Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAP1188 Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce CAP1188
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188 Fiches technique(HTML) 21 Page - Microchip Technology

Back Button CAP1188 Datasheet HTML 17Page - Microchip Technology CAP1188 Datasheet HTML 18Page - Microchip Technology CAP1188 Datasheet HTML 19Page - Microchip Technology CAP1188 Datasheet HTML 20Page - Microchip Technology CAP1188 Datasheet HTML 21Page - Microchip Technology CAP1188 Datasheet HTML 22Page - Microchip Technology CAP1188 Datasheet HTML 23Page - Microchip Technology CAP1188 Datasheet HTML 24Page - Microchip Technology CAP1188 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001620C-page 21
CAP1188
4.7.3
WRITE DATA
Writes data value to the register address stored in the address pointer. Performs auto increment of address pointer after
the data is loaded into the register.
4.7.4
READ DATA
Reads data referenced by the address pointer. Performs auto increment of address pointer after the data is transferred
to the Master.
FIGURE 4-10:
SPI Set Address Pointer Command - Bi-directional Mode
FIGURE 4-11:
SPI Write Data Command - Bi-directional Mode
FIGURE 4-12:
SPI Read Data Command - Bi-directional Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79