| Moteur de recherche de fiches techniques de composants électroniques |
|
CAP1126 Fiches technique(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CAP1126 Fiches technique(HTML) 20 Page - Microchip Technology |
|
20 / 73 page ![]() CAP1126 DS00001623B-page 20 2015 Microchip Technology Inc. 4.7.3 WRITE DATA Writes data value to the register address stored in the address pointer. Performs auto increment of address pointer after the data is loaded into the register. 4.7.4 READ DATA Reads data referenced by the address pointer. Performs auto increment of address pointer after the data is transferred to the Master. FIGURE 4-10: SPI Set Address Pointer Command - Bi-directional Mode FIGURE 4-11: SPI Write Data Command - Bi-directional Mode FIGURE 4-12: SPI Read Data Command - Bi-directional Mode Master SPDOUT SPI_MSIO Register Address SPI_CS# SPI_CLK Set Address Pointer – 7Dh ‘0’ ‘1’ ‘0’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ Master SPDOUT SPI_MSIO Register Write Data SPI_CS# SPI_CLK Write Command – 7Eh ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ ‘0’ ‘0’ Master SPDOUT SPI_MSIO Master Drives SlaveDrives Indeterminate Register ReadData SPI_CLK ReadCommand–7Fh SPI_CS# ‘0’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ ‘1’ |