Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAP1106 Fiches technique(PDF) 41 Page - Microchip Technology

No de pièce CAP1106
Description  6 Channel Capacitive Touch Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1106 Fiches technique(HTML) 41 Page - Microchip Technology

Back Button CAP1106 Datasheet HTML 37Page - Microchip Technology CAP1106 Datasheet HTML 38Page - Microchip Technology CAP1106 Datasheet HTML 39Page - Microchip Technology CAP1106 Datasheet HTML 40Page - Microchip Technology CAP1106 Datasheet HTML 41Page - Microchip Technology CAP1106 Datasheet HTML 42Page - Microchip Technology CAP1106 Datasheet HTML 43Page - Microchip Technology CAP1106 Datasheet HTML 44Page - Microchip Technology CAP1106 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
 2015 Microchip Technology Inc.
DS00001624B-page 41
CAP1106
7.2
Package Marking
FIGURE 7-3:
CAP1106 Package Markings
1 8W
NN N A
e4
TOP
BOTTOM
Bottom marking not allowed
PB-FREE/GREEN SYMBOL
(Ni/Pd PP-LF)
PIN 1
2x 0.6
Line 1 – Device Code, Week
Line 2 – Alphanumeric Traceability Code
W
Lines 1-2:
Line 3:
Center Horizontal Alignment
As Shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48