Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM-YROTATE-IT-RX62T Fiches technique(PDF) 27 Page - Renesas Technology Corp

No de pièce UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Fiches technique(HTML) 27 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 23Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 24Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 25Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 26Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 27Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 28Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 29Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 30Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 27 of 51
Jan 15, 2014
The CD-ROM of the motor control kit YROTATE-IT-RX62T contains two projects available in zipped files called:
1) File name: “MCRP07_RX62T_intPS_v7.zip” loaded by default on the kit PCB to manage low voltage motor using
the internal power stage made of MOSFETs and available on the board.
By default, the embedded software is tuned to drive the low voltage motor called: FL28BL38 and delivered in the kit.
Please find below a snapshot of the header file “customize.h” where all the motor parameters are located.
2) File name: “MCRP07_RX62T_extPS_v7.zip” has to be used with an external power stage e.g. 1.5KW, as the
embedded software is using other channels of the Motor control timer. In the software driving the power stage, the
“customize.h” file contains the parameters of the motor called: MB057GA240. Please find below a snapshot of the
header file “customize.h” where all the motor parameters are located:
Furthermore, both projects are compiled and the object code is available on the CD-ROM and can be directly loaded
into the RX62T microcontroller. The file name is called: “MCRP07_RX62T.mot” in each project.
Such feature is used to avoid launching the full IDE and recompiling the full project.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54