| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F4DISCOVERY Fiches technique(PDF) 29 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
STM32F4DISCOVERY Fiches technique(HTML) 29 Page - List of Unclassifed Manufacturers |
|
29 / 42 page ![]() DocID022256 Rev 4 29/42 UM1472 Hardware and layout 41 PC13 RTC_AF1 7 - - - - - - - - - - - - - 12 PC14 OSC32_IN 8 - - - - - - - - - - - - 9 PC15 OSC32_OUT 9 - - - - - - - - - - - - 10 PD0 FSMC_D2/ CAN1_RX 81 - - - - - - - - - - - - 36 PD1 FSMC_D3/ CAN1_TX 82 - - - - - - - - - - - - - 33 PD2 TIM3_ETR/ UART5_RXSDIO_CMD / DCMI_D11 83 - - - - - - - - - - - - - 34 PD3 FSMC_CLK/ USART2_CTS 84 - - - - - - - - - - - - - 31 PD4 FSMC_NOE/ USART2_RTS 85 - - - - - - - - - - - - 32 PD5 FSMC_NWE/ USART2_TX 86 - - - - - - - - - - - 29 PD6 FSMC_NWAIT/ USART2_RX 87 - - - - - - - - - - - - - 30 PD7 USART2_CK/ FSMC_NE1/ FSMC_NCE2 88 - - - - - - - - - - - - - 27 Table 5. MCU pin description versus board function (continued) MCU pin Board function Main function Alternate functions |