Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAC1921 Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce PAC1921
Description  High-Side Current/Power Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1921 Fiches technique(HTML) 12 Page - Microchip Technology

Back Button PAC1921 Datasheet HTML 8Page - Microchip Technology PAC1921 Datasheet HTML 9Page - Microchip Technology PAC1921 Datasheet HTML 10Page - Microchip Technology PAC1921 Datasheet HTML 11Page - Microchip Technology PAC1921 Datasheet HTML 12Page - Microchip Technology PAC1921 Datasheet HTML 13Page - Microchip Technology PAC1921 Datasheet HTML 14Page - Microchip Technology PAC1921 Datasheet HTML 15Page - Microchip Technology PAC1921 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
PAC1921 High-Side Current/Power Sensor Evaluation Board User’s Guide
DS50002376A-page 12
 2015 Microchip Technology Inc.
1.3
WHAT IS THE PAC1921 HIGH-SIDE CURRENT/POWER SENSOR
EVALUATION BOARD?
The evaluation system is comprised of the ADM00592 and a LabVIEW software-based
application which allows the user to do the following:
• View and change register values
• Saving settings of all registers allowing for quick configuration at a later time
• Graphing registers
The hardware platform provides the following features to the user:
• Headers for connecting a sense resistor
• USB-to-SMBus bridge for communications
• Capability to connect directly to an external SMBus master
1.3.1
Board Layout
The evaluation board was designed for ease of use and user experimentation.
Figure 1-2 shows the top silkscreen for the board.
FIGURE 1-2:
PAC1921 High-Side Current/Power Sensor Evaluation Board –
Top Silkscreen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56