| Moteur de recherche de fiches techniques de composants électroniques |
|
DLPC910 Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DLPC910 Fiches technique(HTML) 9 Page - Texas Instruments |
|
9 / 50 page ![]() DLPC910 www.ti.com DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015 Pin Functions (continued) PIN ACTIVE I/O TYPE CLOCK SYSTEM DESCRIPTION (HI OR LO) NAME NO. DDC_DOUT_B15_DPN U7 LVDS_25_NO - DDC_DCLKOUT_B Output Bus B Data bit 15 to DMD. DDC_DOUT_B15_DPP T7 LVDS_25_PO - DDC_DCLKOUT_B DDC_DOUT_C0_DPN T22 LVDS_25_NO - DDC_DCLKOUT_C Output Bus C Data bit 0 to DMD. DDC_DOUT_C0_DPP T23 LVDS_25_PO - DDC_DCLKOUT_C DDC_DOUT_C1_DPN R20 LVDS_25_NO - DDC_DCLKOUT_C Output Bus C Data bit 1 to DMD. DDC_DOUT_C1_DPP R21 LVDS_25_PO - DDC_DCLKOUT_C DDC_DOUT_C2_DPN T19 LVDS_25_NO - DDC_DCLKOUT_C Output Bus C Data bit 2 to DMD. DDC_DOUT_C2_DPP T20 LVDS_25_PO - DDC_DCLKOUT_C DDC_DOUT_C3_DPN U21 LVDS_25_NO - DDC_DCLKOUT_C Output Bus C Data bit 3 to DMD. DDC_DOUT_C3_DPP U22 LVDS_25_PO - DDC_DCLKOUT_C DDC_DOUT_C4_DPN U20 LVDS_25_NO - DDC_DCLKOUT_C Output Bus C Data bit 4 to DMD. DDC_DOUT_C4_DPP U19 LVDS_25_PO - DDC_DCLKOUT_C DDC_DOUT_C5_DPN V23 LVDS_25_NO - DDC_DCLKOUT_C Output Bus C Data bit 5 to DMD. DDC_DOUT_C5_DPP V24 LVDS_25_PO - DDC_DCLKOUT_C DDC_DOUT_C6_DPN V22 LVDS_25_NO - DDC_DCLKOUT_C Output Bus C Data bit 6 to DMD. DDC_DOUT_C6_DPP V21 LVDS_25_PO - DDC_DCLKOUT_C DDC_DOUT_C7_DPN W19 LVDS_25_NO - DDC_DCLKOUT_C Output Bus C Data bit 7 to DMD. DDC_DOUT_C7_DPP V19 LVDS_25_PO - DDC_DCLKOUT_C DDC_DOUT_C8_DPN W23 LVDS_25_NO - DDC_DCLKOUT_C Output Bus C Data bit 8 to DMD. DDC_DOUT_C8_DPP W24 LVDS_25_PO - DDC_DCLKOUT_C DDC_DOUT_C9_DPN Y22 LVDS_25_NO - DDC_DCLKOUT_C Output Bus C Data bit 9 to DMD. DDC_DOUT_C9_DPP Y23 LVDS_25_PO - DDC_DCLKOUT_C DDC_DOUT_C10_DPN Y20 LVDS_25_NO - DDC_DCLKOUT_C Output Bus C Data bit 10 to DMD. DDC_DOUT_C10_DPP Y21 LVDS_25_PO - DDC_DCLKOUT_C DDC_DOUT_C11_DPN AA24 LVDS_25_NO - DDC_DCLKOUT_C Output Bus C Data bit 11 to DMD. DDC_DOUT_C11_DPP AA23 LVDS_25_PO - DDC_DCLKOUT_C DDC_DOUT_C12_DPN AA19 LVDS_25_NO - DDC_DCLKOUT_C Output Bus C Data bit 12 to DMD. DDC_DOUT_C12_DPP AA20 LVDS_25_PO - DDC_DCLKOUT_C DDC_DOUT_C13_DPN AC24 LVDS_25_NO - DDC_DCLKOUT_C Output Bus C Data bit 13 to DMD. DDC_DOUT_C13_DPP AB24 LVDS_25_PO - DDC_DCLKOUT_C DDC_DOUT_C14_DPN AC19 LVDS_25_NO - DDC_DCLKOUT_C Output Bus C Data bit 14 to DMD. DDC_DOUT_C14_DPP AD19 LVDS_25_PO - DDC_DCLKOUT_C DDC_DOUT_C15_DPN AC22 LVDS_25_NO - DDC_DCLKOUT_C Output Bus C Data bit 15 to DMD. DDC_DOUT_C15_DPP AC23 LVDS_25_PO - DDC_DCLKOUT_C DDC_DOUT_D0_DPN AB26 LVDS_25_NO - DDC_DCLKOUT_D Output Bus D Data bit 0 to DMD. DDC_DOUT_D0_DPP AC26 LVDS_25_PO - DDC_DCLKOUT_D DDC_DOUT_D1_DPN AA25 LVDS_25_NO - DDC_DCLKOUT_D Output Bus D Data bit 1 to DMD. DDC_DOUT_D1_DPP AB25 LVDS_25_PO - DDC_DCLKOUT_D DDC_DOUT_D2_DPN Y26 LVDS_25_NO - DDC_DCLKOUT_D Output Bus D Data bit 2 to DMD. DDC_DOUT_D2_DPP Y25 LVDS_25_PO - DDC_DCLKOUT_D DDC_DOUT_D3_DPN W26 LVDS_25_NO - DDC_DCLKOUT_D Output Bus D Data bit 3 to DMD. DDC_DOUT_D3_DPP W25 LVDS_25_PO - DDC_DCLKOUT_D DDC_DOUT_D4_DPN U26 LVDS_25_NO - DDC_DCLKOUT_D Output Bus D Data bit 4 to DMD. DDC_DOUT_D4_DPP V26 LVDS_25_PO - DDC_DCLKOUT_D DDC_DOUT_D5_DPN U25 LVDS_25_NO - DDC_DCLKOUT_D Output Bus D Data bit 5 to DMD. DDC_DOUT_D5_DPP U24 LVDS_25_PO - DDC_DCLKOUT_D DDC_DOUT_D6_DPN T25 LVDS_25_NO - DDC_DCLKOUT_D Output Bus D Data bit 6 to DMD. DDC_DOUT_D6_DPP T24 LVDS_25_PO - DDC_DCLKOUT_D DDC_DOUT_D7_DPN R26 LVDS_25_NO - DDC_DCLKOUT_D Output Bus D Data bit 7 to DMD. DDC_DOUT_D7_DPP R25 LVDS_25_PO - DDC_DCLKOUT_D DDC_DOUT_D8_DPN P24 LVDS_25_NO - DDC_DCLKOUT_D Output Bus D Data bit 8 to DMD. DDC_DOUT_D8_DPP P25 LVDS_25_PO - DDC_DCLKOUT_D DDC_DOUT_D9_DPN N24 LVDS_25_NO - DDC_DCLKOUT_D Output Bus D Data bit 9 to DMD. DDC_DOUT_D9_DPP M24 LVDS_25_PO - DDC_DCLKOUT_D Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: DLPC910 |