| Moteur de recherche de fiches techniques de composants électroniques |
|
A165E-R-24D-01 Fiches technique(PDF) 10 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A165E-R-24D-01 Fiches technique(HTML) 10 Page - Omron Electronics LLC |
|
10 / 12 page ![]() A165E 10 Others • The oil-resistant IP65 uses NBR rubber and is resistant to general cutting oil and cooling oil. Some special oils cannot be used with the oil-resistant IP65, however, so contact your OMRON representative for details. • If the panel is to be coated, make sure that the panel meets the specified dimensions after coating. • Due to the structure of the Switch, severe shock or vibration may cause malfunctions or damage to the Switch. Also, most Switches are made from resin and will be damaged if they come into contact with sharp objects. Particularly scratches on the Operation Unit may create visual and operational obtrusions. Handle the Switches with care, and do not throw or drop them. Screwdriver Hammer Do not allow the Switch to drop and hit the floor. Do not place or drop heavy objects on the Switch. Do not operate the Switch with hard or sharp objects. |