| Moteur de recherche de fiches techniques de composants électroniques |
|
ADL5903ACPZN-R7 Fiches technique(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADL5903ACPZN-R7 Fiches technique(HTML) 3 Page - Analog Devices |
|
3 / 20 page ![]() Data Sheet ADL5903 Rev. B | Page 3 of 20 SPECIFICATIONS VPOS = 5.0 V, TA = 25°C, ZO = 50 Ω, Capacitor CRMS = 10 nF, unless otherwise noted. Table 1. Parameter Test Conditions/Comments Min Typ Max Unit OVERALL FUNCTION Frequency Range 200 to 6000 MHz RF INPUT INTERFACE Pin RFIN Nominal Input Impedance1 Single-ended drive 50 Ω OUTPUT INTERFACE Pin VRMS DC Output Resistance 100 Ω Rise Time PIN = off to 0 dBm, 10% to 90%, CRMS = 10 nF 3.5 µs PIN = off to 0 dBm, 10% to 90%, CRMS = 100 nF 34 µs Fall Time PIN = 0 dBm to off, 90% to 10%, CRMS = 10 nF 32 µs PIN = 0 dBm to off, 90% to 10%, CRMS = 100 nF 330 µs f = 300 MHz ±1.0 dB Dynamic Range Continuous wave (CW) input, TA = 25°C, VPOS = 5.0 V 37 dB CW input, TA = 25°C, VPOS = 3.0 V 34 dB Maximum Input Level, ±1.0 dB Three-point calibration at −16 dBm, −4 dBm, and +12 dBm 13 dBm Minimum Input Level, ±1.0 dB Three-point calibration at −16 dBm, −4 dBm, and +12 dBm −24 dBm Deviation vs. Temperature Deviation from output at 25°C −40°C < TA < +85°C; PIN = 10 dBm −0.2/+0.032 dB −55°C < TA < +125°C; PIN = 10 dBm −0.25/+0.052 dB −40°C < TA < +85°C; PIN = −10 dBm −0.2/+0.152 dB −55°C < TA < +125°C; PIN = −10 dBm −0.25/+0.22 dB Logarithmic Slope Calibration at −16 dBm and +4 dBm 36.3 mV/dB Logarithmic Intercept Calibration at −16 dBm and +4 dBm (X-intercept) −39 dBm f = 700 MHz ±1.0 dB Dynamic Range CW input, TA = 25°C, VPOS = 5.0 V 37 dB CW input, TA = 25°C, VPOS = 3.0 V 34 dB Maximum Input Level, ±1.0 dB Three-point calibration at −16 dBm, −3 dBm, and +13 dBm 14 dBm Minimum Input Level, ±1.0 dB Three-point calibration at −16 dBm, −3 dBm, and +13 dBm −23 dBm Deviation vs. Temperature Deviation from output at 25°C −40°C < TA < +85°C; PIN = 10 dBm −0.13 dB −55°C < TA < +125°C; PIN = 10 dBm −0.16 dB −40°C < TA < +85°C; PIN = −10 dBm −0.15/+0.12 dB −55°C < TA < +125°C; PIN = −10 dBm −0.2/+0.22 dB Logarithmic Slope Calibration at −16 dBm and +4 dBm 36.4 mV/dB Logarithmic Intercept Calibration at −16 dBm and +4 dBm (X-intercept) −38 dBm f = 900 MHz ±1.0 dB Dynamic Range CW input, TA = 25°C, VPOS = 5.0 V 37 dB CW input, TA = 25°C, VPOS = 3.0 V 33 dB Maximum Input Level, ±1.0 dB Three-point calibration at −16 dBm, −3 dBm, and +13 dBm 14 dBm Minimum Input Level, ±1.0 dB Three-point calibration at −16 dBm, −3 dBm, and +13 dBm −23 dBm Deviation vs. Temperature Deviation from output at 25°C −40°C < TA < +85°C; PIN = 10 dBm −0.12 dB −55°C < TA < +125°C; PIN = 10 dBm −0.15/+0.022 dB −40°C < TA < +85°C; PIN = −10 dBm −0.1/+0.022 dB −55°C < TA < +125°C; PIN = −10 dBm −0.1/+0.12 dB Logarithmic Slope Calibration at −16 dBm and +4 dBm 35.5 mV/dB Logarithmic Intercept Calibration at −16 dBm and +4 dBm (X-intercept) −38 dBm |