Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADG5208F Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADG5208F
Description  Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADG5208F Fiches technique(HTML) 5 Page - Analog Devices

  ADG5208F Datasheet HTML 1Page - Analog Devices ADG5208F Datasheet HTML 2Page - Analog Devices ADG5208F Datasheet HTML 3Page - Analog Devices ADG5208F Datasheet HTML 4Page - Analog Devices ADG5208F Datasheet HTML 5Page - Analog Devices ADG5208F Datasheet HTML 6Page - Analog Devices ADG5208F Datasheet HTML 7Page - Analog Devices ADG5208F Datasheet HTML 8Page - Analog Devices ADG5208F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Data Sheet
ADG5208F/ADG5209F
±20 V DUAL SUPPLY
VDD = 20 V ± 10%, VSS = −20 V ± 10%, GND = 0 V, CDECOUPLING = 0.1 µF, unless otherwise noted.
Table 2.
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
VDD = +18 V, VSS = −18 V, see Figure 36
Analog Signal Range
VDD to VSS
V
On Resistance, RON
260
Ω typ
VS = ±15 V, IS = −1 mA
280
345
405
Ω max
250
Ω typ
VS = ±13.5 V, IS = −1 mA
270
335
395
Ω max
On-Resistance Match Between
Channels, ∆RON
2.5
Ω typ
VS = ±15 V, IS = −1 mA
6
12
13
Ω max
2.5
Ω typ
VS = ±13.5 V, IS = −1 mA
6
12
13
Ω max
On-Resistance Flatness, RFLAT(ON)
12.5
Ω typ
VS = ±15 V, IS = −1 mA
14
15
15
Ω max
1.5
Ω typ
VS = ±13.5 V, IS = −1 mA
3.5
4
4
Ω max
Threshold Voltage, VT
0.7
V typ
See Figure 28
LEAKAGE CURRENTS
VDD = +22 V, VSS = −22 V
Source Off Leakage, IS (Off)
±0.1
nA typ
VS = ±15 V, VD =
15V,seeFigure34
±1
±2
±5
nA max
Drain Off Leakage, ID (Off)
±0.1
nA typ
VS = ±15 V, VD =
15V,seeFigure34
±1
±5
±10
nA max
Channel On Leakage, ID (On), IS (On)
±0.3
nA typ
VS = VD = ±15 V, see Figure 35
±1.5
±20
±25
nA max
FAULT
Source Leakage Current, IS
With Overvoltage
±66
µA typ
VDD = +22 V, VSS = −22 V, GND = 0 V, VS = ±55 V,
see Figure 33
Power Supplies Grounded or Floating
±25
µA typ
VDD = 0 V or floating, VSS = 0 V or floating, GND =
0 V, Ax = 0 V or floating, VS = ±55 V, see Figure 32
Drain Leakage Current, ID
With Overvoltage
±10
nA typ
VDD = +22 V, VSS = −22 V, GND = 0 V, VS = ±55 V,
see Figure 33
±2
±2
±2
µA max
Power Supplies Grounded
±500
nA typ
VDD = 0 V, VSS = 0 V, GND = 0 V, VS = ±55 V, Ax =
0 V, see Figure 32
±700
±700
±700
nA max
Power Supplies Floating
±50
±50
±50
µA typ
VDD = floating, VSS = floating, GND = 0 V, VS =
±55 V, Ax = 0 V, see Figure 32
DIGITAL INPUTS
Input Voltage
High, VINH
2.0
V min
Low, VINL
0.8
V max
Input Current, IINL or IINH
±0.7
µA typ
VIN = VGND or VDD
±1.1
±1.2
µA max
Digital Input Capacitance, CIN
5.0
pF typ
Rev. 0 | Page 5 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com