Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLF1D560MCL2 Fiches technique(PDF) 2 Page - Nichicon corporation

No de pièce PLF1D560MCL2
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NICHICON [Nichicon corporation]
Site Internet  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PLF1D560MCL2 Fiches technique(HTML) 2 Page - Nichicon corporation

  PLF1D560MCL2 Datasheet HTML 1Page - Nichicon corporation PLF1D560MCL2 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
51
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PLF
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Rated ripple current (mArms) at 105°C 100kHz
Standard Ratings
2.5
(0E)
16
(1C)
20
(1D)
25
(1E)
28.7
10
(1A)
6.3
(0J)
4
(0G)
2.8
18.4
23
11.5
7.2
4.6
330
390
560
560
680
680
820
820
820
1000
1200
1500
1500
270
270
390
560
560
680
820
1000
1200
220
330
470
470
680
47
68
100
150
270
470
560
680
100
180
270
330
470
22
39
47
56
68
82
100
120
150
6.8
10
10
22
47
56
500
195
500
280
340
340
500
410
410
500
600
750
750
500
216
312
448
448
544
656
800
960
277
416
592
592
857
94
136
200
300
540
940
1120
1360
320
576
864
1056
1504
88
156
188
224
272
328
400
480
600
85
125
125
275
588
700
7
20
7
6
7
6
7
7
6
6
8
7
8
7
20
24
7
7
6
6
6
8
20
24
7
7
6
25
25
25
25
8
7
7
7
24
9
9
9
9
50
45
45
40
40
40
22
35
20
80
65
60
50
30
28
5600
3200
5600
4800
4800
5700
5600
5200
6200
6500
5300
6100
5500
5600
3200
3300
5200
5500
6200
6500
6640
5600
3200
3300
5200
5500
6300
2900
2900
2900
2900
4900
5700
5900
6100
2900
5000
5100
6100
6100
1700
2000
2000
2400
2600
2600
3320
2800
4320
1200
1500
1500
1800
3000
3800
PLF0E331MCO8
PLF0E391MDL4
PLF0E561MCO8
PLF0E561MCO1
PLF0E681MCO6
PLF0E681MDO1
PLF0E821MCO8
PLF0E821MCO6
PLF0E821MDO1
PLF0E102MDO1
PLF0E122MDO1
PLF0E152MDO6
PLF0E152MDO1
PLF0G271MCO8
PLF0G271MDL4
PLF0G391MDL4
PLF0G561MCO6
PLF0G561MDO1
PLF0G681MDO1
PLF0G821MDO1
PLF0G102MDO1
PLF0G122MDO1
PLF0J221MDL4
PLF0J331MDL4
PLF0J471MCO6
PLF0J471MDO1
PLF0J681MDO1
PLF1A470MDL4
PLF1A680MDL4
PLF1A101MDL4
PLF1A151MDL4
PLF1A271MDO1
PLF1A471MDO1
PLF1A561MDO1
PLF1A681MDO1
PLF1C101MDL4
PLF1C181MDO1
PLF1C271MDO1
PLF1C331MDO1
PLF1C471MDO1
PLF1D220MCL2
PLF1D390MCL2
PLF1D470MCL2
PLF1D560MCL2
PLF1D680MCL2
PLF1D820MCL2
PLF1D101MDO2
PLF1D121MCL2
PLF1D151MDO2
PLF1E6R8MCL2
PLF1E100MCL7
PLF1E100MCL2
PLF1E220MCL7
PLF1E470MDO2
PLF1E560MDO2
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
6.3 × 9
6.3 × 10.5
6.3 × 9
8 × 9
8 × 9
8 × 12
6.3 × 9
8 × 9
8 × 12
10 × 13
10 × 13
8 × 12
10 × 13
6.3 × 9
6.3 × 10.5
6.3 × 10.5
8 × 9
8 × 12
8 × 12
10 × 13
10 × 13
10 × 13
6.3 × 10.5
6.3 × 10.5
8 × 9
8 × 12
10 × 13
6.3 × 10.5
6.3 × 10.5
6.3 × 10.5
6.3 × 10.5
8 × 12
10 × 13
10 × 13
10 × 13
6.3 × 10.5
8 × 12
8 × 12
10 × 13
10 × 13
6.3 × 6
8 × 7
8 × 7
10 × 8
10 × 8
10 × 8
8 × 12
10 × 10
10 × 13
6.3 × 6
6.3 × 6
8 × 7
8 × 7
10 × 13
10 × 13
Rated Capacitance
(µF)
Rated Voltage
(V)(code)
Surge Voltage
(V)
Leakage Current
(µA)
ESR (m
Ω)
(at 100kHz 20°C)
Rated Ripple
(mArms)
tan
δ
Part Number
Case Size
φD × L (mm)
No marked, 1 will be put at 12th digit of type numbering system.
: In this case, 2 will be put at 12th digit of type numbering system.
: In this case, 4 will be put at 12th digit of type numbering system.
: In this case, 6 will be put at 12th digit of type numbering system.
: In this case, 7 will be put at 12th digit of type numbering system.
: In this case, 8 will be put at 12th digit of type numbering system.
CAT.8100E



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com