Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI516 Fiches technique(PDF) 13 Page - Silicon Laboratories

No de pièce SI516
Description  DUAL FREQUENCY VOLTAGE-CONTROLLED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI516 Fiches technique(HTML) 13 Page - Silicon Laboratories

Back Button SI516 Datasheet HTML 9Page - Silicon Laboratories SI516 Datasheet HTML 10Page - Silicon Laboratories SI516 Datasheet HTML 11Page - Silicon Laboratories SI516 Datasheet HTML 12Page - Silicon Laboratories SI516 Datasheet HTML 13Page - Silicon Laboratories SI516 Datasheet HTML 14Page - Silicon Laboratories SI516 Datasheet HTML 15Page - Silicon Laboratories SI516 Datasheet HTML 16Page - Silicon Laboratories SI516 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Si516
Rev. 1.0
13
2.1. Dual CMOS Buffer
Dual CMOS output format ordering options support either complementary or in-phase output signals. This feature
enables replacement of multiple VCXOs with a single Si516 device.
Figure 1. Integrated 1:2 CMOS Buffer Supports Complementary or In-Phase Output
~
~
Complementary
Outputs
In-Phase
Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22