Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM3598-RTR Fiches technique(PDF) 41 Page - Silicon Laboratories

No de pièce EM3598-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3598-RTR Fiches technique(HTML) 41 Page - Silicon Laboratories

Back Button EM3598-RTR Datasheet HTML 37Page - Silicon Laboratories EM3598-RTR Datasheet HTML 38Page - Silicon Laboratories EM3598-RTR Datasheet HTML 39Page - Silicon Laboratories EM3598-RTR Datasheet HTML 40Page - Silicon Laboratories EM3598-RTR Datasheet HTML 41Page - Silicon Laboratories EM3598-RTR Datasheet HTML 42Page - Silicon Laboratories EM3598-RTR Datasheet HTML 43Page - Silicon Laboratories EM3598-RTR Datasheet HTML 44Page - Silicon Laboratories EM3598-RTR Datasheet HTML 45Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
EM359x
Rev 1.0
41
23
PB3
I/O
Digital I/O
TIM2C3
(see also Pin 26)
O
Timer 2 channel 3 output
Enable remap with TIM2_OR[6]
Enable timer output in TIM2_CCER
Select alternate output function with GPIO_PBCFGL[15:12]
TIM2C3
(see also Pin 26)
I
Timer 2 channel 3 input
Enable remap with TIM2_OR[6]
SC1nCTS
I
UART CTS handshake of Serial Controller 1
Enable with SC1_UARTCFG[5]
Select UART with SC1_MODE
SC1SCLK
O
SPI master clock of Serial Controller 1
Either disable timer output in TIM2_CCER,
or disable remap with TIM2_OR[6]
Enable master with SC1_SPICFG[4]
Select SPI with SC1_MODE
Select alternate output function with GPIO_PBCFGL[15:12]
SC1SCLK
I
SPI slave clock of Serial Controller 1
Enable slave with SC1_SPICFG[4]
Select SPI with SC1_MODE
24
PB4
I/O
Digital I/O
TIM2C4
(see also Pin 28)
O
Timer 2 channel 4 output
Enable remap with TIM2_OR[7]
Enable timer output in TIM2_CCER
Select alternate output function with GPIO_PBCFGH[3:0]
TIM2C4
(see also Pin 28)
I
Timer 2 channel 4 input
Enable remap with TIM2_OR[7]
SC1nRTS
O
UART RTS handshake of Serial Controller 1
Either disable timer output in TIM2_CCER,
or disable remap with TIM2_OR[7]
Enable with SC1_UARTCFG[5]
Select UART with SC1_MODE
Select alternate output function with GPIO_PBCFGH[3:0]
SC1nSSEL
I
SPI slave select of Serial Controller 1
Enable slave with SC1_SPICFG[4]
Select SPI with SC1_MODE
Table 6.1. EM359x Pin Descriptions (Continued)
Pin #
Signal
Direction
Description
Note:
1.
IRQC and IRQD external interrupts can be mapped to any digital I/O pin using the GPIO_IRQCSEL and
GPIO_IRQDSEL registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59