| Moteur de recherche de fiches techniques de composants électroniques |
|
PAM8407 Fiches technique(PDF) 10 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
PAM8407 Fiches technique(HTML) 10 Page - Diodes Incorporated |
|
10 / 12 page ![]() PAM8407 Document number: DS36815 Rev. 1 - 2 10 of 12 www.diodes.com January 2014 © Diodes Incorporated PAM8407 A PRODUCT LINE OF DIODES INCORPORATED 2x3W Stereo Differential Input Class D Audio Amplifier with Up/Down Volume Control Ordering Information PAM8407 X X D: SO-16 R: Tape & Real Part Number Package Standard Package PAM8407DR SO-16 2,500Units/Tape&Real Marking Information LOUTP LOUTN UP VDD ROUTP VDD ROUTN GND 15 9 10 11 12 13 14 16 GND RINN GND DOWN LINN SD 1 2 3 4 5 6 7 8 RINP LINP PAM8407: Product Code X: Internal Code Y: Year W: Week LL: Internal Code Shipping Package Package Type |