Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V07P35P Fiches technique(PDF) 1 Page - Littelfuse

No de pièce V07P35P
Description  Reduced footprint and volume required for surge protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V07P35P Fiches technique(HTML) 1 Page - Littelfuse

  V07P35P Datasheet HTML 1Page - Littelfuse V07P35P Datasheet HTML 2Page - Littelfuse V07P35P Datasheet HTML 3Page - Littelfuse V07P35P Datasheet HTML 4Page - Littelfuse V07P35P Datasheet HTML 5Page - Littelfuse V07P35P Datasheet HTML 6Page - Littelfuse V07P35P Datasheet HTML 7Page - Littelfuse V07P35P Datasheet HTML 8Page - Littelfuse V07P35P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/04/15
Metal-Oxide Varistors (MOVs)
Radial Leaded Varistors > LV UltraMOVTM Varistor Series
Description
Features
Agency Approvals
Absolute Maximum Ratings
• For ratings of individual members of a series, see Device Ratings and Specifications chart
Agency
Agency Approval
Agency File Number
UL1449
E320116
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any
other conditions above those indicated in the operational sections of this specification is not implied.
LV UltraMOVTM Varistor Series
RoHS
• Breakthrough in low
voltage varistor design
provides high peak (up to
10KA) surge current rating
• Reduced footprint and
volume required for
surge protection
• Wide operating voltage
range VM(AC)RMS 11V to 95V
and V M(DC) 14V to 125V
• Lead–free, Halogen-Free
and RoHS compliant
• High operating
temperature range
up to 125ºC (phenolic
coating option)
• 5 model sizes available:
5, 7, 10, 14, and 20mm
• 10mm, 14mm and
20mm devices are UL
recognized with 800V
isolation voltage rating.
Applications
• LED lights
• Cordless phones
• Audio and video devices
• Mobile phone chargers
• Security systems
• Fire alarm systems
• Automation control
systems
• Industrial control
contact relays
• Surge protection device
• Telecom power systems
• Wireless base stations
Phenolic Coated
Epoxy Coated
The Littelfuse LV UltraMOV™ Varistor Series provides an
ideal circuit protection solution for DC voltage applications.
The maximum peak surge current rating can reach up to
10kA (8/20μs pulse) to protect against the damage from
high peak surge current induced by indirect lightning strike
interference, system switching transients, and abnormal fast
transients from the power source.
Available in five model sizes: 5mm, 7mm, 10mm, 14mm, and
20mm, these device feature a wide voltage range from 14V
to 125V.
Low Voltage Series
Units
Continous:
Steady State Applied Voltage:
AC Voltage Range (V
M(AC)RMS)
11 to 95
V
DC Voltage Range (V
M(DC))
14 to 125
V
Transient:
Non-Repetitive Surge Current, 8/20µs Waveform (I
TM)
500 to 10,000
A
Non-Repetitive Energy Capability, 2ms Waveform (W
TM)
0.8 to 150
J
Operating Ambient Temperature Range (T
A) for Epoxy coated
-40 to +85
°C
Operating Ambient Temperature Range (T
A) for Phenolic coated
-40 to +125
°C
Storage Temperature Range (T
STG) for Epoxy coated
-40 to +125
°C
Storage Temperature Range (T
STG) for Phenolic coated
-40 to +150
°C
Temperature Coefficient (αV) of Clamping Voltage (V
C) at Specified Test Current
< 0.01%
°C
Hi-Pot Encapsulation (Isolation Voltage Capability) for Epoxy coated
2500
V
Hi-Pot Encapsulation (Isolation Voltage Capability) for Phenolic coated
800
V
Epoxy Coating Insulation Resistance
>1,000
MΩ
Additional Information
Datasheet
Samples
Resources


Numéro de pièce similaire - V07P35P

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
V07P11P LITTELFUSE-V07P11P Datasheet
778Kb / 2P
Superior Peak Surge Current Ratings in Small Disc Sizes
More results

Description similaire - V07P35P

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
IP4238CZ10 NXP-IP4238CZ10 Datasheet
220Kb / 11P
Surge protection for ethernet and telecom
Rev. 1-1 October 2012
logo
Weidmuller
0459460000 WEIDMULLER-0459460000 Datasheet
63Kb / 3P
Surge protection for instrumentation and control
logo
OptoDiode Corp
NXIR-RF36 OPTODIODE-NXIR-RF36 Datasheet
221Kb / 2P
Near Infrared Reduced Footprint Photodiode
NXIR-RF74 OPTODIODE-NXIR-RF74 Datasheet
217Kb / 2P
Near Infrared Reduced Footprint Photodiode
logo
Weidmuller
1064250000 WEIDMULLER-1064250000 Datasheet
743Kb / 7P
Surge protection for instrumentation and control
September 18, 2021
logo
Pepperl+Fuchs Inc.
M-LB-1.150.M PF-M-LB-1.150.M Datasheet
580Kb / 2P
Protection Module for Surge Protection Barrier
2022-01-13
M-LB-1.275.M PF-M-LB-1.275.M Datasheet
441Kb / 2P
Protection Module for Surge Protection Barrier
2022-01-13
M-LB-1.NPE.M PF-M-LB-1.NPE.M Datasheet
582Kb / 2P
Protection Module for Surge Protection Barrier
2022-01-13
M-LB-2.150.T3.M PF-M-LB-2.150.T3.M Datasheet
512Kb / 2P
Protection Module for Surge Protection Barrier
2022-01-13
logo
ABLE Power Products
AP5P277 ABLEPOWERPRODUCTS-AP5P277 Datasheet
305Kb / 1P
Surge Protection for Protection of LED Drivers and Controls
2/16/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com