Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V07P20P Fiches technique(PDF) 5 Page - Littelfuse

No de pièce V07P20P
Description  Reduced footprint and volume required for surge protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V07P20P Fiches technique(HTML) 5 Page - Littelfuse

  V07P20P Datasheet HTML 1Page - Littelfuse V07P20P Datasheet HTML 2Page - Littelfuse V07P20P Datasheet HTML 3Page - Littelfuse V07P20P Datasheet HTML 4Page - Littelfuse V07P20P Datasheet HTML 5Page - Littelfuse V07P20P Datasheet HTML 6Page - Littelfuse V07P20P Datasheet HTML 7Page - Littelfuse V07P20P Datasheet HTML 8Page - Littelfuse V07P20P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/04/15
Metal-Oxide Varistors (MOVs)
Radial Leaded Varistors > LV UltraMOVTM Varistor Series
V07x11P - V07x40P
V10x11P - V10x40P
V14x11P - V14x40P
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
PEAK AMPERES (A)
V07x40P
V07x35P
V07x30P
V07x25P
V07x20P
V07x23P
V07x17P
V07x14P
V07x11P
MODEL SIZE 7mm
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
PEAK AMPERES (A)
V10x40P
V10x35P
V10x30P
V10x25P
V10x20P
V10x23P
V10x17P
V10x14P
V10x11P
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V14x40P
V14x35P
V14x30P
V14x25P
V14x23P
V14x20P
V14x17P
V14x14P
V14x11P
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 14mm
CLAMPING VOLTAGE FOR V05x11P - V68x68P
600
500
400
300
200
100
90
80
70
60
50
40
30
20
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 5mm
10
V05x40P
V05x35P
V05x30P
V05x25P
V05x20P
V05x23P
V05x17P
V05x14P
V05x11P
10-3
V20x11P - V20x40P
PEAK AMPERES (A)
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
-3
10
-5
10
-4
10
-6
CLAMPING VOLTAGE FOR
CLAMPING VOLTAGE FOR
CLAMPING VOLTAGE FOR
CLAMPING VOLTAGE FOR
10
20
30
40
50
60
70
80
90
600
700
800
900
100
200
300
400
500
1000
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 20mm
V20E11P
V20E14P
V20E17P
V20E20P
V20E23P
V20E25P
V20E30P
V20E35P
V20E40P
Maximum Clamping Voltage for 5mm Parts
V05x11P - V05x40P
Maximum Clamping Voltage for 7mm Parts
V07x11P - V07x40P
Maximum Clamping Voltage for 10mm Parts
V10x11P - V10x40P
Maximum Clamping Voltage for 14mm Parts
V14x11P - V14x40P
Maximum Clamping Voltage for 20mm Parts
V20x11P - V20x40P
V07x11P - V07x40P
V10x11P - V10x40P
V14x11P - V14x40P
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
PEAK AMPERES (A)
V07x40P
V07x35P
V07x30P
V07x25P
V07x20P
V07x23P
V07x17P
V07x14P
V07x11P
MODEL SIZE 7mm
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
PEAK AMPERES (A)
V10x40P
V10x35P
V10x30P
V10x25P
V10x20P
V10x23P
V10x17P
V10x14P
V10x11P
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V14x40P
V14x35P
V14x30P
V14x25P
V14x23P
V14x20P
V14x17P
V14x14P
V14x11P
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 14mm
CLAMPING VOLTAGE FOR V05x11P - V68x68P
600
500
400
300
200
100
90
80
70
60
50
40
30
20
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 5mm
10
V05x40P
V05x35P
V05x30P
V05x25P
V05x20P
V05x23P
V05x17P
V05x14P
V05x11P
10-3
V20x11P - V20x40P
PEAK AMPERES (A)
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
-3
10
-5
10
-4
10
-6
CLAMPING VOLTAGE FOR
CLAMPING VOLTAGE FOR
CLAMPING VOLTAGE FOR
CLAMPING VOLTAGE FOR
10
20
30
40
50
60
70
80
90
600
700
800
900
100
200
300
400
500
1000
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 20mm
V20E11P
V20E14P
V20E17P
V20E20P
V20E23P
V20E25P
V20E30P
V20E35P
V20E40P
V07x11P - V07x40P
V10x11P - V10x40P
V14x11P - V14x40P
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
PEAK AMPERES (A)
V07x40P
V07x35P
V07x30P
V07x25P
V07x20P
V07x23P
V07x17P
V07x14P
V07x11P
MODEL SIZE 7mm
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
PEAK AMPERES (A)
V10x40P
V10x35P
V10x30P
V10x25P
V10x20P
V10x23P
V10x17P
V10x14P
V10x11P
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V14x40P
V14x35P
V14x30P
V14x25P
V14x23P
V14x20P
V14x17P
V14x14P
V14x11P
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 14mm
CLAMPING VOLTAGE FOR V05x11P - V68x68P
600
500
400
300
200
100
90
80
70
60
50
40
30
20
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 5mm
10
V05x40P
V05x35P
V05x30P
V05x25P
V05x20P
V05x23P
V05x17P
V05x14P
V05x11P
10-3
V20x11P - V20x40P
PEAK AMPERES (A)
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
-3
10
-5
10
-4
10
-6
CLAMPING VOLTAGE FOR
CLAMPING VOLTAGE FOR
CLAMPING VOLTAGE FOR
CLAMPING VOLTAGE FOR
10
20
30
40
50
60
70
80
90
600
700
800
900
100
200
300
400
500
1000
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 20mm
V20E11P
V20E14P
V20E17P
V20E20P
V20E23P
V20E25P
V20E30P
V20E35P
V20E40P
V07x11P - V07x40P
V10x11P - V10x40P
V14x11P - V14x40P
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
PEAK AMPERES (A)
V07x40P
V07x35P
V07x30P
V07x25P
V07x20P
V07x23P
V07x17P
V07x14P
V07x11P
MODEL SIZE 7mm
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
PEAK AMPERES (A)
V10x40P
V10x35P
V10x30P
V10x25P
V10x20P
V10x23P
V10x17P
V10x14P
V10x11P
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V14x40P
V14x35P
V14x30P
V14x25P
V14x23P
V14x20P
V14x17P
V14x14P
V14x11P
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 14mm
CLAMPING VOLTAGE FOR V05x11P - V68x68P
600
500
400
300
200
100
90
80
70
60
50
40
30
20
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 5mm
10
V05x40P
V05x35P
V05x30P
V05x25P
V05x20P
V05x23P
V05x17P
V05x14P
V05x11P
10-3
V20x11P - V20x40P
PEAK AMPERES (A)
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
-3
10
-5
10
-4
10
-6
CLAMPING VOLTAGE FOR
CLAMPING VOLTAGE FOR
CLAMPING VOLTAGE FOR
CLAMPING VOLTAGE FOR
10
20
30
40
50
60
70
80
90
600
700
800
900
100
200
300
400
500
1000
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 20mm
V20E11P
V20E14P
V20E17P
V20E20P
V20E23P
V20E25P
V20E30P
V20E35P
V20E40P
V07x11P - V07x40P
V10x11P - V10x40P
V14x11P - V14x40P
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
PEAK AMPERES (A)
V07x40P
V07x35P
V07x30P
V07x25P
V07x20P
V07x23P
V07x17P
V07x14P
V07x11P
MODEL SIZE 7mm
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
PEAK AMPERES (A)
V10x40P
V10x35P
V10x30P
V10x25P
V10x20P
V10x23P
V10x17P
V10x14P
V10x11P
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V14x40P
V14x35P
V14x30P
V14x25P
V14x23P
V14x20P
V14x17P
V14x14P
V14x11P
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 14mm
CLAMPING VOLTAGE FOR V05x11P - V68x68P
600
500
400
300
200
100
90
80
70
60
50
40
30
20
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 5mm
10
V05x40P
V05x35P
V05x30P
V05x25P
V05x20P
V05x23P
V05x17P
V05x14P
V05x11P
10-3
V20x11P - V20x40P
PEAK AMPERES (A)
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
-3
10
-5
10
-4
10
-6
CLAMPING VOLTAGE FOR
CLAMPING VOLTAGE FOR
CLAMPING VOLTAGE FOR
CLAMPING VOLTAGE FOR
10
20
30
40
50
60
70
80
90
600
700
800
900
100
200
300
400
500
1000
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 20mm
V20E11P
V20E14P
V20E17P
V20E20P
V20E23P
V20E25P
V20E30P
V20E35P
V20E40P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com