Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM3586-RTR Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce EM3586-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3586-RTR Fiches technique(HTML) 4 Page - Silicon Laboratories

  EM3586-RTR Datasheet HTML 1Page - Silicon Laboratories EM3586-RTR Datasheet HTML 2Page - Silicon Laboratories EM3586-RTR Datasheet HTML 3Page - Silicon Laboratories EM3586-RTR Datasheet HTML 4Page - Silicon Laboratories EM3586-RTR Datasheet HTML 5Page - Silicon Laboratories EM3586-RTR Datasheet HTML 6Page - Silicon Laboratories EM3586-RTR Datasheet HTML 7Page - Silicon Laboratories EM3586-RTR Datasheet HTML 8Page - Silicon Laboratories EM3586-RTR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
EM358x
4
Rev 1.0
4.5. Integrated Voltage Regulator .......................................................................................32
4.6. Peripherals ...................................................................................................................32
4.6.1. GPIO ..................................................................................................................32
4.6.2. Serial Controllers .................................................................................................32
4.6.3. USB ..................................................................................................................33
4.6.4. General Purpose Timers......................................................................................33
4.6.5. Analog-to-Digital Converter (ADC) ......................................................................34
4.7. Debugging ....................................................................................................................34
4.7.1. Trace Port Interface Unit (TPIU) ..........................................................................34
4.7.2. Instrumentation Trace Macrocell (ITM)................................................................34
4.7.3. Embedded Trace Macrocell (ETM)......................................................................34
4.7.4.
Data Watchpoint and Trace (DWT)...........................................................34
4.7.5. Flash Patch and Breakpoint (FPB) ......................................................................35
4.7.6. Serial Wire and JTAG (SWJ) Interface ................................................................35
5. Ordering Information.........................................................................................................36
6. Pin Assignments................................................................................................................37
6.1. Mechanical Details .......................................................................................................50
6.1.1. QFN48 Footprint Recommendations ...................................................................52
6.1.2. Solder Temperature Profile..................................................................................54
6.2. Part Marking .................................................................................................................56
Document Change List ...........................................................................................................58
Contact Information ................................................................................................................59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59