Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM341-RTR Fiches technique(PDF) 173 Page - Silicon Laboratories

No de pièce EM341-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR Fiches technique(HTML) 173 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 169Page - Silicon Laboratories EM341-RTR Datasheet HTML 170Page - Silicon Laboratories EM341-RTR Datasheet HTML 171Page - Silicon Laboratories EM341-RTR Datasheet HTML 172Page - Silicon Laboratories EM341-RTR Datasheet HTML 173Page - Silicon Laboratories EM341-RTR Datasheet HTML 174Page - Silicon Laboratories EM341-RTR Datasheet HTML 175Page - Silicon Laboratories EM341-RTR Datasheet HTML 176Page - Silicon Laboratories EM341-RTR Datasheet HTML 177Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 237 page
background image
EM341
174
Rev 1.0
Table 10.3 shows the typical configurations of ADC inputs.
Table 10.2. ADC Inputs
ADC_MUXn*
Analog Source at ADC
GPIO Pin
Purpose
0
ADC0
PB5
1
ADC1
PB6
2
ADC2
PB7
3
ADC3
PC1
4
ADC4
PA4
5
ADC5
PA5
6
No connection
7
No connection
8
GND
Internal connection
Calibration
9
VREF/2
Internal connection
Calibration
10
VREF
Internal connection
Calibration
11
VDD_PADSA/2
Internal connection
Supply monitoring and calibration
12
No connection
13
No connection
14
No connection
15
No connection
*Note: Denotes bits ADC_MUXP or ADC_MUXN in register ADC_CFG.
Table 10.3. Typical ADC Input Configurations
ADC P Input
ADC N Input
ADC_MUXP
ADC_MUXN
Purpose
ADC0
VREF/2
0
9
Single-ended
ADC1
VREF/2
1
9
Single-ended
ADC2
VREF/2
2
9
Single-ended
ADC3
VREF/2
3
9
Single-ended
ADC4
VREF/2
4
9
Single-ended
ADC5
VREF/2
5
9
Single-ended
ADC1
ADC0
1
0
Differential
ADC3
ADC2
3
2
Differential
ADC5
ADC4
5
4
Differential
GND
VREF/2
8
9
Calibration
VREF
VREF/2
10
9
Calibration
VDD_PADSA/2
VREF/2
11
9
Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More