Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM341-RTR Fiches technique(PDF) 169 Page - Silicon Laboratories

No de pièce EM341-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341-RTR Fiches technique(HTML) 169 Page - Silicon Laboratories

Back Button EM341-RTR Datasheet HTML 165Page - Silicon Laboratories EM341-RTR Datasheet HTML 166Page - Silicon Laboratories EM341-RTR Datasheet HTML 167Page - Silicon Laboratories EM341-RTR Datasheet HTML 168Page - Silicon Laboratories EM341-RTR Datasheet HTML 169Page - Silicon Laboratories EM341-RTR Datasheet HTML 170Page - Silicon Laboratories EM341-RTR Datasheet HTML 171Page - Silicon Laboratories EM341-RTR Datasheet HTML 172Page - Silicon Laboratories EM341-RTR Datasheet HTML 173Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 237 page
background image
EM341
170
Rev 1.0
INT_TIM1MISS: Address: 0x4000A818 Reset: 0x0
INT_TIM2MISS: Address: 0x4000A81C Reset: 0x0
Register 9.19. INT_TIMxMISS
INT_TIM1MISS: Timer 1 Missed Interrupt Register
INT_TIM2MISS: Timer 2 Missed Interrupts Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
INT_
TIMMISSCC4IF
INT_
TIMMISSCC3IF
INT_
TIMMISSCC2IF
INT_
TIMMISSCC1IF
0
Bit
7
6
5
4
3
2
1
0
Name
0
INT_TIMMISSRSVD
Bitname
Bitfield
Access
Description
INT_TIMMISSCC4IF
[12]
RW
Capture or compare 4 interrupt missed.
INT_TIMMISSCC3IF
[11]
RW
Capture or compare 3 interrupt missed.
INT_TIMMISSCC2IF
[10]
RW
Capture or compare 2 interrupt missed.
INT_TIMMISSCC1IF
[9]
RW
Capture or compare 1 interrupt missed.
INT_TIMMISSRSVD
[6:0]
R
May change during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More