Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DGD2104AS8-13 Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce DGD2104AS8-13
Description  HALF-BRIDGE GATE DRIVER IN SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2104AS8-13 Fiches technique(HTML) 2 Page - Diodes Incorporated

  DGD2104AS8-13 Datasheet HTML 1Page - Diodes Incorporated DGD2104AS8-13 Datasheet HTML 2Page - Diodes Incorporated DGD2104AS8-13 Datasheet HTML 3Page - Diodes Incorporated DGD2104AS8-13 Datasheet HTML 4Page - Diodes Incorporated DGD2104AS8-13 Datasheet HTML 5Page - Diodes Incorporated DGD2104AS8-13 Datasheet HTML 6Page - Diodes Incorporated DGD2104AS8-13 Datasheet HTML 7Page - Diodes Incorporated DGD2104AS8-13 Datasheet HTML 8Page - Diodes Incorporated DGD2104AS8-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DGD2104A
Document number: DS38272 Rev. 2 - 2
2 of 12
www.diodes.com
February 2016
© Diodes Incorporated
DGD2104A
Pin Diagrams
Pin Descriptions
Pin Number
Pin Name
Function
1
VCC
Logic and Low Side Supply
2
IN
Logic Input for High-Side and Low-Side Gate Driver Outputs (HO and LO), in Phase with HO
3
SD*
Logic Input for Shutdown, Enabled Low
4
COM
Low-Side and Logic Return
5
LO
Low-Side Gate Drive Output
6
VS
High-Side Floating Supply Return
7
HO
High-Side Gate Drive Output
8
VB
High-Side Floating Supply
Functional Block Diagram
Top View: SO-8 (Type TH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12