Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN607 Fiches technique(PDF) 35 Page - Silicon Laboratories

No de pièce AN607
Description  HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN607 Fiches technique(HTML) 35 Page - Silicon Laboratories

Back Button AN607 Datasheet HTML 31Page - Silicon Laboratories AN607 Datasheet HTML 32Page - Silicon Laboratories AN607 Datasheet HTML 33Page - Silicon Laboratories AN607 Datasheet HTML 34Page - Silicon Laboratories AN607 Datasheet HTML 35Page - Silicon Laboratories AN607 Datasheet HTML 36Page - Silicon Laboratories AN607 Datasheet HTML 37Page - Silicon Laboratories AN607 Datasheet HTML 38Page - Silicon Laboratories AN607 Datasheet HTML 39Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
AN607
Rev. 1.7
35
The values highlighted in gray would be the table entries for the Si7013.
Table 7. Example Non-Linear Correction to Thermistor Voltage Measurements
Thermistor Resistance
(from Data Sheet)
Vin/Vdd Assuming
24.3 k
 Bias Resistors
A/D Codes
Desired
(Temperature)
Code
Slope
53650
0.524694377
17193
11879
–256
33892
0.410851961
13463
15608
–294
22021
0.31181943
10218
19338
–364
14674
0.231912002
7599
23067
–476
10000
0.170648464
5592
26797
–640
6948
0.125081011
4099
30527
–877
4917
0.091877347
3011
34256
–1210
3535
0.067804738
2222
37986
–1684
2586
0.050521627
1655
41715
–2346



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41