| Moteur de recherche de fiches techniques de composants électroniques |
|
AP9234L Fiches technique(PDF) 13 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP9234L Fiches technique(HTML) 13 Page - Diodes Incorporated |
|
13 / 14 page ![]() AP9234L Document number: DS38205 Rev. 1 - 2 13 of 14 www.diodes.com December 2015 © Diodes Incorporated AP9234L Package Outline Dimensions Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version. b2 e1 R0.150 z A A1 A3 Seating Plane D E e b (Pin # 1 ID) D2 E2 L(X6) U-DFN2535-6 (Type B) Dim Min Max Typ A 0.50 0.60 - A1 0.00 0.05 0.02 A3 - - 0.127 b 0.25 0.35 0.30 b2 1.05 1.15 1.10 D 2.45 2.55 2.50 D2 2.01 2.21 2.11 E 3.45 3.55 3.50 E2 2.20 2.40 2.30 e - - 0.55 e1 - - 0.95 L 0.25 0.35 0.30 z - - 0.15 All Dimensions in mm Suggested Pad Layout Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version. X X1 C C1 Y1 X2 Y Dimensions Value (in mm) C 0.550 C1 0.950 X 0.400 X1 1.200 X2 2.210 Y 0.500 Y1 2.400 |