Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP7315-32FS4-7B Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce AP7315-32FS4-7B
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7315-32FS4-7B Fiches technique(HTML) 4 Page - Diodes Incorporated

  AP7315-32FS4-7B Datasheet HTML 1Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 2Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 3Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 4Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 5Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 6Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 7Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 8Page - Diodes Incorporated AP7315-32FS4-7B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AP7315
Document number: DS38352 Rev. 1 - 2
4 of 23
www.diodes.com
December 2015
© Diodes Incorporated
AP7315
Electrical Characteristics (VEN = VIN = VOUT +1.0V, CIN = COUT = 0.47µF, IOUT = 1.0mA @TA = +25°C, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage
TA = -40°C to +85°C
1.7
—
5.25
V
Output Voltage Accuracy (Note 11)
VOUT ≥ 2.0V, VIN = VOUT+1V, TA = +25°C
VOUT
*0.99
VOUT
VOUT
*1.01
V
VOUT < 2.0V, VIN = VOUT+1V, TA = +25°C
VOUT -
20mV
VOUT
VOUT +
20mV
V
Line Regulation (dVOUT/dVIN/VOUT) VIN = (VOUT – Nom + 1.0V) to 5.25V, IOUT = 1.0mA
—
0.02
0.1
%/V
Load Regulation
(dVOUT/VOUT/dIOUT)
VIN = VOUT - Nom + 1.0V, IOUT = 1mA to 150mA
—
0.5
1.0
%/A
Quiescent Current
(Note 6)
IOUT = 0mA
20
35
60
μA
IOUT = 150mA
30
60
100
ISTANDBY
VEN = 0V (Disabled)
—
0.01
1.0
μA
Output Current
—
150
—
—
mA
Fold-back Short Current (Note 7)
VOUT Short to Ground
—
55
—
mA
PSRR (Note 8)
VIN = (VOUT+1V)VDC + 0.2Vp-pAC,
VOUT ≥ 1.8V,
IOUT = 30mA
f = 1kHz
—
75
—
dB
Output Noise Voltage (Notes 8, 9)
BW = 10Hz to 100kHz, IOUT = 30mA
—
60
—
µVrms
Dropout Voltage
(Note 5)
IOUT = 150mA
1.1V
≤ VOUT < 1.5V
—
0.50
0.64
V
1.5V
≤ VOUT < 1.7V
—
0.38
0.49
1.7V
≤ VOUT < 2.0V
—
0.34
0.44
2.0V
≤ VOUT < 2.5V
—
0.28
0.38
2.5V
≤ VOUT < 2.8V
—
0.22
0.32
2.8V
≤ VOUT ≤ 3.3V
—
0.21
0.29
Output Voltage Temperature
Coefficient
IOUT = 30mA, TA = -40°C to +85°C
—
±30
—
ppm/°C
EN Input Low Voltage
—
0
—
0.5
V
EN Input High Voltage
—
1.3
—
5.25
V
EN Input Leakage
VEN = 0, VIN = 5.0V or VEN = 5.0V, VIN = 0V
-1.0
—
+1.0
µA
On Resistance of N-channel for
Auto-Discharge (Note 10)
VIN = 4.0V VEN = 0V (Disabled)
—
30
—
Ω
Notes:
5. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its nominal value.
6. Quiescent current is defined here is the difference in current between the input and the output.
7. Short circuit current is measured with VOUT pulled to GND.
8. This specification is guaranteed by design.
9. To make sure lowest environment noise minimizes the influence on noise measurement.
10. AP7315 has 2 options for output, built-in discharge and non-discharge.
11. Potential multiple grades based on following output voltage accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23